Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5606 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5606 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5606 Datasheet HTML 1Page - Renesas Technology Corp 2SC5606 Datasheet HTML 2Page - Renesas Technology Corp 2SC5606 Datasheet HTML 3Page - Renesas Technology Corp 2SC5606 Datasheet HTML 4Page - Renesas Technology Corp 2SC5606 Datasheet HTML 5Page - Renesas Technology Corp 2SC5606 Datasheet HTML 6Page - Renesas Technology Corp 2SC5606 Datasheet HTML 7Page - Renesas Technology Corp 2SC5606 Datasheet HTML 8Page - Renesas Technology Corp 2SC5606 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PU10781EJ01V0DS
3
2SC5606
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°C)
Mounted on Glass Epoxy Board
(1.08 cm
2
× 1.0 mm (t) )
200
150
115
100
50
0
25
0
50
75
100
125
150
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
f = 1 MHz
1.0
0.1
1.0
0.1
10.0
100.0
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
650 A
μ
IB 100 A step
μ
IB = 50 A
μ
250 A
μ
450 A
μ
40
30
20
10
0
12
3
04
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Base to Emitter Voltage VBE (V)
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
1.2
VCE = 2 V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
1 000
100
10
0.1
10.0
1.0
100.0
VCE = 2 V
Remark The graphs indicate nominal characteristics.
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com