Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP25050-IP Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP25050-IP
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050-IP Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP25050-IP Datasheet HTML 29Page - Microchip Technology MCP25050-IP Datasheet HTML 30Page - Microchip Technology MCP25050-IP Datasheet HTML 31Page - Microchip Technology MCP25050-IP Datasheet HTML 32Page - Microchip Technology MCP25050-IP Datasheet HTML 33Page - Microchip Technology MCP25050-IP Datasheet HTML 34Page - Microchip Technology MCP25050-IP Datasheet HTML 35Page - Microchip Technology MCP25050-IP Datasheet HTML 36Page - Microchip Technology MCP25050-IP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 33
MCP2502X/5X
REGISTER 5-4:
IOINTPO REGISTER
REGISTER 5-5:
IOINTFL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7POL
GP6POL
GP5POL
GP4POL
GP3POL
GP2POL
GP1POL
GP0POL
bit 7
bit 0
bit 7-0
GP7POL:GP0POL: Transmit-on-change Polarity bits
1
= Digital Inputs: Low-to-High Transition On Corresponding GPIO Input Pin Generates a
transmit message
Analog Inputs: A/D result above compare value generates a transmit message
0
= Digital Inputs: High-to-Low Transition On Corresponding GPIO Input Generates transmit
message
Analog Inputs: A/D result below compare value generates a transmit message
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
GP7TXF
GP6TXF
GP5TXF
GP4TXF
GP3TXF
GP2TXF
GP1TXF
GP0TXF
bit 7
bit 0
bit 7-0
GP7TXF:GP0TXF: Transmit-on-change Polarity bits
1
= Digital Inputs: A valid edge has occurred on the digital input
Analog Inputs: A/D result does exceed the compare threshold
0
= Digital Inputs: A valid edge has not occurred on the digital input
Analog Inputs: A/D result does not exceed the compare threshold
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com