Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP25050-IP Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP25050-IP
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050-IP Datasheet(HTML) 5 Page - Microchip Technology

  MCP25050-IP Datasheet HTML 1Page - Microchip Technology MCP25050-IP Datasheet HTML 2Page - Microchip Technology MCP25050-IP Datasheet HTML 3Page - Microchip Technology MCP25050-IP Datasheet HTML 4Page - Microchip Technology MCP25050-IP Datasheet HTML 5Page - Microchip Technology MCP25050-IP Datasheet HTML 6Page - Microchip Technology MCP25050-IP Datasheet HTML 7Page - Microchip Technology MCP25050-IP Datasheet HTML 8Page - Microchip Technology MCP25050-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 5
MCP2502X/5X
2.0
CAN MODULE
The CAN module is a protocol controller that converts
between raw digital data and CAN message packets.
The main functional block of the CAN module is shown
in Figure 2-1 and consists of:
• CAN protocol engine
• Buffers, masks and filters
The module features include:
• Implementation of the CAN protocol
• Double-buffered receiver with two separate
receive buffers
• One full-acceptance mask (standard and
extended)
• Two full-acceptance filters (standard and
extended)
• One filter for each receive buffer
• Three prioritized transmit buffers for transmitting
predefined message types
• Automatic wake-up on bus traffic function
• Error management logic for transmit and receive
error states
• Low-power SLEEP mode
FIGURE 2-1:
CAN MODULE
Acceptance Filter
RXF1
R
X
B
1
Identifier
Data Field
Data Field
Identifier
M
A
B
Acceptance Mask
RXM
Acceptance Filter
RXF0
R
X
B
0
TXB2
Message
Queue
Control
Transmit Byte Sequencer
TXB0
CRC<14:0>
Comparator
Receive<7:0>
Transmit<7:0>
Receive
Error
Transmit
Error
Protocol
REC
TEC
ErrPas
BusOff
Finite
State
Machine
Counter
Counter
Shift<14:0>
{Transmit<5:0>, Receive<8:0>}
Transmit
Logic
Bit
Timing
Logic
TXCAN/TXRXCAN
RXCAN
Configuration
Registers
Clock
Generator
PROTOCOL
ENGINE
BUFFERS
TXB1
A
c
c
e
p
t
A
c
c
e
p
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com