Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN85C256API85E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HN85C256API85E
Description  256k EEPROM (32-kword8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API85E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HN85C256API85E Datasheet HTML 2Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 3Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 4Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 5Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 6Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 7Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 8Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 9Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 6 of 16
Oct 07, 2013
AC Characteristics
(Ta = –40 to +85°C, VCC = 5.0 V
±10%)
Test Conditions
• Input pulse levels: 0.4 V to 3.0 V
• Input rise and fall time: ≤ 5 ns
• Input timing reference levels: 0.8, 2.0 V
• Output load: 1TTL Gate +100 pF
• Output reference levels: 1.5 V, 1.5 V
Read Cycle
Parameter
Symbol
HN58C256API/AFPI/ATI
Unit
Test conditions
-85
-10
Min
Max
Min
Max
Address to output delay
tACC
85
100
ns
CE = OE = V
IL, WE = VIH
CE to output delay
tCE
85
100
ns
OE = V
IL, WE = VIH
OE to output delay
tOE
10
40
10
50
ns
CE = V
IL, WE = VIH
Address to output hold
tOH
0
0
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*1
tDF
0
40
0
40
ns
CE = V
IL, WE = VIH
Write Cycle
Parameter
Symbol
Min*
2
Typ
Max
Unit
Test conditions
Address setup time
tAS
0
ns
Address hold time
tAH
50
ns
CE to write setup time (WE controlled)
tCS
0
ns
CE hold time (WE controlled)
tCH
0
ns
WE to write setup time (CE controlled)
tWS
0
ns
WE hold time (CE controlled)
tWH
0
ns
OE to write setup time
tOES
0
ns
OE hold time
tOEH
0
ns
Data setup time
tDS
50
ns
Data hold time
tDH
0
ns
WE pulse width (WE controlled)
tWP
100
ns
CE pulse width (CE controlled)
tCW
100
ns
Data latch time
tDL
50
ns
Byte load cycle
tBLC
0.2
30
μs
Byte load window
tBL
100
μs
Write cycle time
tWC
10*
3
ms
Time to device busy
tDB
120
ns
Write start time
tDW
0*
4
ns
Notes: 1. tDF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and are no longer
driven.
2. Use this device in longer cycle than this value.
3. tWC must be longer than this value unless polling techniques are used. This device automatically completes
the internal write operation within this value.
4. Next read or write operation can be initiated after tDW if polling techniques are used.
5. A6 through A14 are page address and these addresses are latched at the first falling edge of
WE.
6. A6 through A14 are page address and these addresses are latched at the first falling edge of
CE.
7. See AC read characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com