Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN85C256API85E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HN85C256API85E
Description  256k EEPROM (32-kword8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API85E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HN85C256API85E Datasheet HTML 9Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 10Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 11Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 12Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 13Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 14Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 15Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 16Page - Renesas Technology Corp HN85C256API85E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 13 of 16
Oct 07, 2013
2. Data Protection at VCC On/Off
When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc) may act as a trigger
and turn the EEPROM to program mode by mistake. To prevent this unintentional programming, the EEPROM
must be kept in an unprogrammable state while the CPU is in an unstable state.
Note: The EEPROM shoud be kept in unprogrammable state during VCC on/off by using CPU RESET signal.
VCC
CPU
RESET
Unprogrammable
Unprogrammable
*
*
2.1 Protection by
CE, OE, WE
To realize the unprogrammable state, the input level of control pins must be held as shown in the table below.
CE
VCC
×
×
OE
×
VSS
×
WE
×
×
VCC
×: Don’t care
VCC: Pull-up to VCC level
VSS: Pull-down to VSS level
3. Software data protection
To prevent unintentional programming, this device has the software data protection (SDP) mode. The SDP is
enabled by inputting the following 3 bytes code and write data. SDP is not enabled if only the 3 bytes code is input.
To program data in the SDP enable mode, 3 bytes code must be input before write data.
Data
AA
55
A0
Write data } Normal data input
Address
5555
2AAA
5555
Write address
The SDP mode is disabled by inputting the following 6 bytes code. Note that, if data is input in the SDP disable
cycle, data can not be written.
Data
AA
55
80
AA
55
20
Address
5555
2AAA
5555
5555
2AAA
5555
The software data protection is not enabled at the shipment.
Note: There are some differences between Renesas Electronics' and other company’s for enable/disable sequence of
software data protection. If there are any questions, please contact with Renesas Electronics' sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com