Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M421-402-R Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XS3F-M421-402-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-402-R Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XS3F-M421-402-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 10Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 11Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 12Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 13Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
11
J
ADJUSTMENTS (CONT.)
Normal One-point Teaching
Sensor
Background
Threshold a (La)
E3G-L
Background
ON
Procedure
Operation
Panel status
1
Set the mode selector to TEACH.
NORM L
2
Set the NORMAL/ZONE mode selector to NORMAL.
OUT
NORM L
3
Press the SET button with the background. The threshold
indicator (red) will turn ON.
Threshold indicator
(red) turns ON.
TEACH
ZONE D
NEAR
SET
4
Set the mode selector to RUN.
(red) turns ON.
ADJ
5
Set to L-ON or D-ON mode with the operation mode selector.
L-ON: Output ON between background and sensor.
D-ON: Output OFF between background and sensor.
Press
RUN
FAR
Application Example 1
Adjusting the sensor differential travel to the minimum distance.
OUT
NORM L
1
Set the mode selector to TEACH.
TEACH
ZONE D
NEAR
SET
2
Set the NORMAL/ZONE mode selector to NORMAL.
ADJ
TEACH
SET
3
Set the UP/DOWN selector to down.
RUN
FAR
4
Press the SET button for 3 s or more. The threshold indicator
(red) will turn ON.
Press
Press the SET
button for 3 s
Set the
mode selec-
5
The distance indicator (green) will turn ON. This means that
teaching is successful. Set the mode selector to RUN to
complete the teaching operation.
button for 3 s
or more.
mode selec-
tor to RUN.
Threshold indicator
Distance indicator
6
Set to L-ON or D-ON mode with the operation mode selector.
Threshold indicator
(red) turns ON.
Distance indicator
(green) turns ON.
Application Example 2
Setting the sensor to the maximum distance.
OUT
NORM L
1
Set the mode selector to TEACH.
ZONE D
NEAR
SET
2
Set the NORMAL/ZONE mode selector to NORMAL.
ADJ
TEACH
SET
3
Set the UP/DOWN selector to up.
RUN
ADJ
FAR
4
Press the SET button for 3 s or more. The threshold indicator
(red) will turn ON.
Press
Press the SET
button for 3 s
Set the mode
selector to
FAR
5
The distance indicator (green) will turn ON. This means that
teaching is successful. Set the mode selector to RUN to
complete the teaching operation.
button for 3 s
or more.
selector to
RUN.
6
Set to L-ON or D-ON mode with the operation mode selector.
Threshold indicator
(red) turns ON.
Distance indicator
(green) turns ON.
La: Distance equivalent to threshold (a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com