Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M421-402-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS3F-M421-402-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-402-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XS3F-M421-402-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
7
J
ANGLE CHARACTERISTICS (CONT.)
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
30
40
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
30
40
Inclination angle " (#)
Inclination angle " (#)
Target object:
White paper 50 " 50 mm
Sensing distance:150 mm
Target object:
White paper 50 " 50 mm
Sensing distance:150 mm
Sensing object
Sensing object
#"
– "
(Up and Down)
Inclination
angle
E3G-L3j (Up and Down)
E3G-L3j (Left and Right)
(Left and Right)
Inclination
angle
#"
– "
J
TARGET OBJECT SIZE VS. SETTING DISTANCE
0.5
0.4
0.3
0.2
0.1
0
30
35
40
45
50
Target object:
White paper
Setting distance: 50 mm
Distance (mm)
E3G-L1j
2.5
2
1.5
1
0.5
0
40
60
80
100
120
140
160
180 200
Target object:
White paper
Setting distance: 200 mm
Distance (mm)
E3G-L3j
White paper
60
50
40
30
20
10
0
Setting distance: 30 mm
18 mm
31 mm
30 mm
20 mm
1mm
50 mm
16 mm
51 mm
White paper
Black paper
Black paper
Setting distance: 50 mm
J
CLOSE-RANGE CHARACTERISTICS
E3G-L1j
Material
150
100
50
0
51 mm
48.5 mm
202 mm
178 mm
29 mm
20 mm
0mm
28.5 mm
250
200
White paper
Material
White paper
Black paper
Black paper
Setting distance: 50 mm
Setting distance: 200 mm
E3G-L3j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com