Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M422-405-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XS3F-M422-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M422-405-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  XS3F-M422-405-R Datasheet HTML 1Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
5
Engineering Data
J
OPERATING RANGE
Distance X (mm)
2.5
2.0
1.5
1.0
0.5
0
--0.5
--1.0
--1.5
--2.0
--2.5
55
30
35
40
45
50
25
Setting distance: 30 mm,
40 mm,
50 mm
30 mm
40 mm
50 mm
3
2
1
0
--1
--2
--3
10
20
30
40
50
60
Settingdistance: 30mm,40mm,50mm
Target object:
Whitepaper50"50mm
40 mm
30 mm
50 mm
X
Y
E3G-L1j (inNORMALMode)
E3G-L1j (in ZONE Mode)
Distance X (mm)
Distance X (mm)
4
3
2
1
0
--1
--2
--3
--4
250
50
100
150
200
Setting distance: 50 mm, 100 mm, 200 mm
50 mm
100 mm
200 mm
Distance X (mm)
5
4
3
2
1
0
--1
--2
--3
--4
--5
50
100
150
200
Settingdistance: 50mm,100mm,200mm
Targetobject:
Whitepaper 50"50mm
X
Y
100 mm
200 mm
50 mm
E3G-L3j (in ZONE Mode)
E3G-L3j (inNORMALMode)
3
2.5
2
1.5
1
0.5
0
Distance (mm)
30
35
40
45
50
E3G-L1j
J
SPOT DIAMETER VS. SENSING DISTANCE
14
12
10
8
6
4
2
0
40
60
80
100
120
140
160
180
200
Distance (mm)
E3G-L3j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com