Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M422-405-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS3F-M422-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M422-405-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS3F-M422-405-R Datasheet HTML 1Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R
2
Distance-setting Photoelectric Sensor
E3G-L1/L3
Pin-point Beam, Adjustable Focus
Point and Teach Mode for Reliable
Detection
H
Teach mode speeds accurate setup
H
Smallest pin-point beam in the industry
allows detection of minute objects
H
Optical system achieves stable detection
of objects regardless of glossiness,
color, material, surface irregularities, or
inclination
H
Connector and cabled models
H
Rugged IP67, NEMA 4 enclosure
H
Selectable Light-ON/Dark-ON operation
Ordering Information
J
SENSORS
Appearance
Supply
l
Light source
Connection
h d
Sensing/Setting range
Part number
pp
pp y
voltage
g
method
g/
g
g
NPN
PNP
10-30 VDC
Red
Pre-leaded
Setting range:
30 to 50 mm
Max setting
Min. setting
5mm
30 mm 50 mm
20 mm
E3G-L11
E3G-L12
Connector
Sensing range:
5to50mm
g
g
30 to 50 mm
Max. setting
E3G-L15
E3G-L16
Infrared
Pre-leaded
Setting range:
White paper 50 to 200 mm
Min. setting
5mm
50 mm
200 mm
Max setting
30 mm
E3G-L31
E3G-L32
Connector
Sensing range:
White paper 5 to 200 mm
Max. setting
E3G-L35
E3G-L36
J
CONNECTOR CORDSETS
Shape
Description
Cable length
Part number
Straight
Four-wire, vibration-proof, single-ended
bl
2 m (6.56 ft)
XS3F-M421-402-R
Straight
,
p
,
g
cable
5 m (16.40 ft)
XS3F-M421-405-R
Ri ht
l
2 m (6.56 ft)
XS3F-M422-402-R
Right angle
5 m (16.40 ft)
XS3F-M422-405-R


Similar Part No. - XS3F-M422-405-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS3F-M422-405-A OMRON-XS3F-M422-405-A Datasheet
1Mb / 10P
The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
XS3F-M422-405-A OMRON-XS3F-M422-405-A Datasheet
760Kb / 14P
Manual Fiber Amplifier
XS3F-M422-405-A OMRON-XS3F-M422-405-A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
XS3F-M422-405-A OMRON-XS3F-M422-405-A Datasheet
446Kb / 5P
Grooved-type Photoelectric Sensor with Built-in Amplifier
XS3F-M422-405-A OMRON-XS3F-M422-405-A Datasheet
2Mb / 15P
Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - XS3F-M422-405-R

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
logo
Broadcom Corporation.
AFBR-S10PS010Z BOARDCOM-AFBR-S10PS010Z Datasheet
654Kb / 5P
Point Sensor for Light Detection and Plastic Optical Fiber Connector for Point Sensor
logo
Kendall Howard
1906-3-006-02 KENDALLHOWARD-1906-3-006-02 Datasheet
1Mb / 2P
4-POINT ADJUSTABLE SHELF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com