Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T143 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 17Page - STMicroelectronics STM8T143 Datasheet HTML 18Page - STMicroelectronics STM8T143 Datasheet HTML 19Page - STMicroelectronics STM8T143 Datasheet HTML 20Page - STMicroelectronics STM8T143 Datasheet HTML 21Page - STMicroelectronics STM8T143 Datasheet HTML 22Page - STMicroelectronics STM8T143 Datasheet HTML 23Page - STMicroelectronics STM8T143 Datasheet HTML 24Page - STMicroelectronics STM8T143 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
DocID18315 Rev 6
21/65
STM8T143
STM8T143 processing
64
5.5
Environment control system (ECS)
5.5.1
ECS principle
The acquired signal value of the capacitive sensing channel increases or decreases
according to environmental conditions such as temperature, power supply, moisture, and
surrounding conductive objects. The STM8T143 includes a built-in digital infinite impulse
response (IIR) filter capable of tracking slow changes in the environment. It is called the
environment control system (ECS). This is a low pass filter with a gain of one. The filter
makes the reference follow slow changes of the signal while fast changes are recognized as
a touch or proximity.
Figure 12. IIR filter formula
Note:
If a touch or proximity is detected, the ECS is disabled for the duration of the reference
freeze timeout. In this case, Yn = Yn_1. As soon as the reference freeze times out or the
detection ends, the filter is set as active again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com