Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T143 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8T143
Description  Single-channel capacitive sensor for touch and proximity detection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T143 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8T143 Datasheet HTML 22Page - STMicroelectronics STM8T143 Datasheet HTML 23Page - STMicroelectronics STM8T143 Datasheet HTML 24Page - STMicroelectronics STM8T143 Datasheet HTML 25Page - STMicroelectronics STM8T143 Datasheet HTML 26Page - STMicroelectronics STM8T143 Datasheet HTML 27Page - STMicroelectronics STM8T143 Datasheet HTML 28Page - STMicroelectronics STM8T143 Datasheet HTML 29Page - STMicroelectronics STM8T143 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Device operation
STM8T143
26/65
DocID18315 Rev 6
6
Device operation
The STM8T143 can be configured through a set of user-selectable one-time programmable
(OTP) option bytes. These options can be used in their default (unconfigured) state or set
for specific applications. For large orders, preconfigured devices are available (please refer
to Section 11: Ordering information).
The available options include:
•
Dual output, Control, or Data streaming mode
•
Output polarity
•
Touch and proximity detection thresholds
–
Eight selectable detection thresholds for touch detection
–
Four selectable detection thresholds for proximity detection
•
Control type
–
Halt conversion control
–
Reference freeze control
•
Reference freeze timeout
6.1
Option byte description
A set of tools is supplied by STMicroelectronics to program the user OTP options for
prototyping purposes. Please refer to Section 12: STM8T143 programming tool for more
details.
Note:
Devices which are not yet programmed (also called blank devices) are delivered with all bits
set to ‘0’.
Table 2. Option bytes
Option
byte
no.
Option bits
Factory
default
setting
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OPT2
Reserved
Output
type(1)
Release
threshold
ratio
Gain target
Reserved
0x00
OPT1
Data
streaming
mode
Low power
mode
Reference freeze
timeout
Dynamic
calibration
delay
Reserved
Dual output/
Control mode
0x00
OPT0
Touch detection threshold
Proximity detection
threshold
Reserved
Output
polarity
Control type
0x00
1. Used only in Control mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com