Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH10LCD06D
Description  Turbo2 ultrafast - high voltage rectifier for flat panel displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06D Datasheet(HTML) 3 Page - STMicroelectronics

  STTH10LCD06D Datasheet HTML 1Page - STMicroelectronics STTH10LCD06D Datasheet HTML 2Page - STMicroelectronics STTH10LCD06D Datasheet HTML 3Page - STMicroelectronics STTH10LCD06D Datasheet HTML 4Page - STMicroelectronics STTH10LCD06D Datasheet HTML 5Page - STMicroelectronics STTH10LCD06D Datasheet HTML 6Page - STMicroelectronics STTH10LCD06D Datasheet HTML 7Page - STMicroelectronics STTH10LCD06D Datasheet HTML 8Page - STMicroelectronics STTH10LCD06D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH10LCD06
Characteristics
Doc ID 15858 Rev 2
3/10
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
2
4
6
8
10
12
14
16
18
20
22
012
345678
9
10
11
12
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
P
(W)
F(AV)
I
(A)
F(AV)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
j=25°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Typical values)
T
j=150°C
(Typical values)
I
(A)
FM
V
(V)
FM
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
TO-220AC, DPAK and D PAK
2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
TO-220FPAC
Z/R
th(j-c)
th(j-c)
t (s)
p
Figure 5.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 6.
Reverse recovery time versus
dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
I
(A)
RM
dI /dt(A/µs)
F
0
20
40
60
80
100
120
140
160
180
200
220
0
50
100
150
200
250
300
350
400
450
500
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
t (ns)
rr
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com