Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH10LCD06D
Description  Turbo2 ultrafast - high voltage rectifier for flat panel displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06D Datasheet(HTML) 4 Page - STMicroelectronics

  STTH10LCD06D Datasheet HTML 1Page - STMicroelectronics STTH10LCD06D Datasheet HTML 2Page - STMicroelectronics STTH10LCD06D Datasheet HTML 3Page - STMicroelectronics STTH10LCD06D Datasheet HTML 4Page - STMicroelectronics STTH10LCD06D Datasheet HTML 5Page - STMicroelectronics STTH10LCD06D Datasheet HTML 6Page - STMicroelectronics STTH10LCD06D Datasheet HTML 7Page - STMicroelectronics STTH10LCD06D Datasheet HTML 8Page - STMicroelectronics STTH10LCD06D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH10LCD06
4/10
Doc ID 15858 Rev 2
Figure 11.
Junction capacitance versus reverse voltage applied (typical values)
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
Q (nC)
rr
dI /dt(A/µs)
F
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
25
50
75
100
125
I
RM
Q
rr
I
F=IF(AV)
V
R=400V
Reference: T
j=125°C
T (°C)
j
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus
dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
I
F=IF(AV)
Tj=125°C
dI /dt(A/µs)
F
V
(V)
FP
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
I
F=IF(AV)
V
FR=1.1 x VF max.
T
j=125°C
t (ns)
fr
dI /dt(A/µs)
F
1
10
100
1
10
100
1000
F=1MHz
V
osc=30mVRMS
Tj=25°C
C(pF)
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com