Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC970 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P89LPC970
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P89LPC970 Datasheet HTML 22Page - NXP Semiconductors P89LPC970 Datasheet HTML 23Page - NXP Semiconductors P89LPC970 Datasheet HTML 24Page - NXP Semiconductors P89LPC970 Datasheet HTML 25Page - NXP Semiconductors P89LPC970 Datasheet HTML 26Page - NXP Semiconductors P89LPC970 Datasheet HTML 27Page - NXP Semiconductors P89LPC970 Datasheet HTML 28Page - NXP Semiconductors P89LPC970 Datasheet HTML 29Page - NXP Semiconductors P89LPC970 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
26 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.16.1.3
Input-only configuration
The input-only port configuration has no output drivers. It is a Schmitt trigger input that
also has a glitch suppression circuit.
7.16.1.4
Push-pull output configuration
The push-pull output configuration has the same pull-down structure as both the
open-drain and the quasi-bidirectional output modes, but provides a continuous strong
pull-up when the port latch contains a logic 1. The push-pull mode may be used when
more source current is needed from a port output. A push-pull port pin has a
Schmitt triggered input that also has a glitch suppression circuit. The P89LPC970/971/972
device has high current source on eight pins in push-pull mode. See Table 10 “Limiting
values”.
7.16.2 Port 0 analog functions
The P89LPC970/971/972 incorporates two Analog Comparators. In order to give the best
analog function performance and to minimize power consumption, pins that are being
used for analog functions must have the digital outputs and digital inputs disabled.
Digital outputs are disabled by putting the port output into the input-only (high-impedance)
mode.
Digital inputs on Port 0 may be disabled through the use of the PT0AD register, bits 1:5.
On any reset, PT0AD[1:5] defaults to logic 0s to enable digital functions.
7.16.3 Additional port features
After power-up, all pins are in input-only mode. Please note that this is different from
the LPC76x series of devices.
• After power-up, all I/O pins except P1.5, may be configured by software.
• Pin P1.5 is input only. Pins P1.2 and P1.3 are configurable for either input-only or
open-drain.
Every output on the P89LPC970/971/972 has been designed to sink typical LED drive
current. However, there is a maximum total output current for all ports which must not be
exceeded. Please refer to Table 11 “Static characteristics” for detailed specifications.
All ports pins that can function as an output have slew rate controlled outputs to limit noise
generated by quickly switching output signals. The slew rate is factory-set to
approximately 10 ns rise and fall times.
7.16.4 Pin remap
This feature allows the functions of UART/I2C/SPI to be remapped to other pins.
Configuration register controls the multiplexers to allow connection between the pins and
the on chip peripherals. See Table 8 “SPI/I2C/UART pin remap”.
UART/I2C/SPI, each has two options of pin configuration: primary pin map and alternative
pin map. After reset, UART/I2C/SPI chooses the primary pin map as default. User can
adjust to the alternative pin map through configuring PINCON register according to the
application.
Please refer to P89LPC970/971/972 User manual for detail configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com