Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC970 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89LPC970
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89LPC970 Datasheet HTML 27Page - NXP Semiconductors P89LPC970 Datasheet HTML 28Page - NXP Semiconductors P89LPC970 Datasheet HTML 29Page - NXP Semiconductors P89LPC970 Datasheet HTML 30Page - NXP Semiconductors P89LPC970 Datasheet HTML 31Page - NXP Semiconductors P89LPC970 Datasheet HTML 32Page - NXP Semiconductors P89LPC970 Datasheet HTML 33Page - NXP Semiconductors P89LPC970 Datasheet HTML 34Page - NXP Semiconductors P89LPC970 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
31 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.20.1 Mode 0: 16-bit timer/counter with auto-reload
Mode 0 configures the timer register as an 16-bit Timer/counter with automatic reload. An
overflow upon the timer or a 1-to-0 transition at TxEX pin can cause the reload event.
7.20.2 Mode 1: 16-bit timer/counter with input capture
Mode 1 configures the timer register as an 16-bit Timer/counter with input capture. A
1-to-0 transition at TxEX pin can cause the capture event.
7.20.3 Mode 2: 16-bit PWM mode
In this mode, the corresponding timer can be changed to a 16-bit PWM generator with
adjustable duty cycle. In this mode, the corresponding timer can be changed to a 16-bit
PWM generator with adjustable duty cycle and adjustable full period (from 0, theoretically,
to 131072).
7.20.4 Timer overflow toggle output
Timers 2, 3 and 4 can be configured to automatically toggle a port output whenever a
timer overflow occurs. The same device pins that are used for the T2, T3 and T4 count
inputs are also used for the timer toggle outputs. The port outputs will be a logic 1 prior to
the first timer overflow when this mode is turned on.
7.21 RTC/system timer
The P89LPC970/971/972 has a simple RTC that allows a user to continue running an
accurate timer while the rest of the device is powered down. The RTC can be a wake-up
or an interrupt source. The RTC is a 23-bit down counter comprised of a 7-bit prescaler
and a 16-bit loadable down counter. When it reaches all logic 0s, the counter will be
reloaded again and the RTCF flag will be set. The clock source for this counter can be
either the CPU clock (CCLK) or the XTAL oscillator. Only power-on reset and watchdog
reset will reset the RTC and its associated SFRs to the default state.
The 16-bit loadable counter portion of the RTC is readable by reading the RTCDATL and
RTCDATH registers.
7.22 UART
The P89LPC970/971/972 has an enhanced UART that is compatible with the
conventional 80C51 UART except that Timer 2 overflow cannot be used as a baud rate
source. The P89LPC970/971/972 does include an independent baud rate generator. The
baud rate can be selected from the oscillator (divided by a constant), Timer 1 overflow, or
the independent baud rate generator. In addition to the baud rate generation,
enhancements over the standard 80C51 UART include Framing Error detection,
automatic address recognition, selectable double buffering and several interrupt options.
The UART can be operated in four modes: shift register, 8-bit UART, 9-bit UART, and CPU
clock/32 or CPU clock/16.
7.22.1 Mode 0
Serial data enters and exits through RXD. TXD outputs the shift clock. 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1⁄16 of the CPU clock
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com