Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOC8228 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 15Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 16Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 17Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 18Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 19Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Specifications
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-14
8228B–MCU Wireless–06/09
3.4
Mounting Information
The below diagrams show the PCB layout recommended for ZigBit Amp module. Neither via-holes nor
wires are allowed on the PCB upper layer in area occupied by the module. As a critical requirement,
RF_GND pins should be grounded via several holes to be located right next to pins thus minimizing
inductance and preventing both mismatch and losses.
Figure 3-4.
ATZB-A24-UFL/U0 PCB Recommended Layout, Top View
3.5
Soldering Profile
The J-STD-020C-compliant soldering profile is recommended according to Table 3-7.
Note:
1. The package is backward compatible with PB/Sn soldering profile.
Table 3-7. Soldering profile
(1)
Profile Feature
Green package
Average ramp-up rate (217
°C to peak)
3
°C/s max
Preheat tempearture 175
°C ± 25°C
180s max
Temperature maintained above 217
°C
60s to 150s
Time within 5
°C of actual peak temperature
20s to 40s
Peak temperature range
260
°C
Ramp-down rate
6
°C/s max
Time within 25
°C to peak temperature
8 minuts max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com