Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOC8228 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 15Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 16Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 17Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 18Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 19Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Specifications
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-15
8228B–MCU Wireless–06/09
3.6
Antenna Reference Design
Multiple factors affect proper antenna match, hence, affecting the antenna pattern. The particular factors
are the board material and thickness, shields, the material used for enclosure, the board neighborhood,
and other components adjacent to antenna.
General Recommendations:
Metal enclosure should not be used. Using low profile enclosure might also affect antenna tuning.
Placing high profile components next to antenna should be avoided.
Having holes punched around the periphery of the board eliminates parasitic radiation from the board
edges also distorting antenna pattern.
ZigBit Amp module should not be placed next to consumer electronics which might interfere with
ZigBit Amp's RF frequency band.
The board design should prevent propagation of microwave field inside the board material. Electromag-
netic waves of high frequency may penetrate the board thus making the edges of the board radiate,
which may distort the antenna pattern. To eliminate this effect, metalized and grounded holes must be
placed around the board's edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com