Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBCRL Datasheet(PDF) 18 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 14Page - Analog Devices AD9739BBCRL Datasheet HTML 15Page - Analog Devices AD9739BBCRL Datasheet HTML 16Page - Analog Devices AD9739BBCRL Datasheet HTML 17Page - Analog Devices AD9739BBCRL Datasheet HTML 18Page - Analog Devices AD9739BBCRL Datasheet HTML 19Page - Analog Devices AD9739BBCRL Datasheet HTML 20Page - Analog Devices AD9739BBCRL Datasheet HTML 21Page - Analog Devices AD9739BBCRL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 18 of 48
SERIAL PORT INTERFACE (SPI) REGISTER
SPI REGISTER MAP DESCRIPTION
The AD9739 contains a set of programmable registers described
in Table 10 that are used to configure and monitor various internal
parameters. Note the following points when programming the
AD9739 SPI registers:
•
Registers pertaining to similar functions are grouped
together and assigned adjacent addresses.
•
Bits that are undefined within a register should be assigned
a 0 when writing to that register.
•
Registers that are undefined should not be written to.
•
A hardware or software reset is recommended upon
power-up to place SPI registers in a known state.
•
A SPI initialization routine is required as part of the boot
process. See Table 31 and Table 32 for example procedures.
Reset
Issuing a hardware or software reset places the AD9739 SPI
registers in a known state. All SPI registers (excluding 0x00) are
set to their default states as described in Table 10 upon issuing a
reset. After issuing a reset, the SPI initialization process need only
write to registers that are required for the boot process as well as
any other register settings that must be modified, depending on
the target application.
Although the AD9739 does feature an internal power-on-reset
(POR), it is still recommended that a software or hardware reset
be implemented shortly after power-up. The internal reset signal is
derived from a logical OR operation from the internal POR
signal, the RESET pin, and the software reset state. A software
reset can be issued via the reset bit (Register 0x00, Bit 5) by
toggling the bit high then low. Note that, because the MSB/LSB
format may still be unknown upon initial power-up (that is,
internal POR is unsuccessful), it is also recommended that the
bit settings for Bits[7:5] be mirrored onto Bits[2:0] for the
instruction cycle that issues a software reset. A hardware reset
can be issued from a host or external supervisory IC by applying a
high pulse with a minimum width of 40 ns to the RESET pin
(that is, Pin F14). RESET should be tied to VSS if unused.
Table 8. SPI Registers Pertaining to SPI Options
Address (Hex)
Bit
Description
7
Enable 3-wire SPI
6
Enable SPI LSB first
0x00
5
Software reset
SPI OPERATION
The serial port of the AD9739 shown in Figure 34 has a 3- or
4-wire SPI capability, allowing read/write access to all registers
that configure the device’s internal parameters. It provides a
flexible, synchronous serial communications port, allowing easy
interface to many industry-standard microcontrollers and
microprocessors. The 3.3 V serial I/O is compatible with most
synchronous transfer formats, including the Motorola® SPI and
the Intel® SSR protocols.
SDO (PIN H14)
SDIO (PIN G14)
SCLK (PIN H13)
CS (PIN G13)
AD9739
SPI PORT
Figure 34. AD9739 SPI Port
The default 4-wire SPI interface consists of a clock (SCLK), serial
port enable (CS), serial data input (SDIO), and serial data output
(SDO). The inputs to SCLK, CS, and SDIO contain a Schmitt
trigger with a nominal hysteresis of 0.4 V centered about VDD33/2.
The maximum frequency for SCLK is 20 MHz. The SDO pin is
active only during the transmission of data and remains three-
stated at any other time.
A 3-wire SPI interface can be enabled by setting the SDIO_DIR
bit (Register 0x00, Bit 7). This causes the SDIO pin to become
bidirectional such that output data only appears on the SDIO
pin during a read operation. The SDO pin remains three-stated
in a 3-wire SPI interface.
Instruction Header Information
MSB
LSB
17
16
15
14
13
12
11
10
R/W
A6
A5
A4
A3
A2
A1
A0
An 8-bit instruction header must accompany each read and write
operation. The MSB is a R/W indicator bit with logic high
indicating a read operation. The remaining seven bits specify
the address bits to be accessed during the data transfer portion.
The eight data bits immediately follow the instruction header
for both read and write operations. For write operations, registers
change immediately upon writing to the last bit of each transfer
byte. CS can be raised after each sequence of eight bits (except
the last byte) to stall the bus. The serial transfer resumes when
CS is lowered. Stalling on nonbyte boundaries resets the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com