Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBCRL Datasheet(PDF) 24 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 20Page - Analog Devices AD9739BBCRL Datasheet HTML 21Page - Analog Devices AD9739BBCRL Datasheet HTML 22Page - Analog Devices AD9739BBCRL Datasheet HTML 23Page - Analog Devices AD9739BBCRL Datasheet HTML 24Page - Analog Devices AD9739BBCRL Datasheet HTML 25Page - Analog Devices AD9739BBCRL Datasheet HTML 26Page - Analog Devices AD9739BBCRL Datasheet HTML 27Page - Analog Devices AD9739BBCRL Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 24 of 48
DATA RECEIVER CONTROLLER_DATA SAMPLE DELAY VALUE
Table 19. Data Receiver Controller_Data Sample Delay Value Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
0x11
SMP_DEL[1:0]
[7:6]
R/W
11
0x12
SMP_DEL[9:2]
[7:0]
R/W
0x25
Controller enabled: the 10-bit value (with a maximum of 332) represents the start
value for the delay line used by the state machine to sample data. Leave at the default
setting of 167, which represents the midpoint of the delay line. Controller disabled:
the value sets the actual value of the delay line.
DATA AND SYNC RECEIVER CONTROLLER_DCI DELAY VALUE/WINDOW AND PHASE ROTATION
Table 20. Data and Sync Receiver Controller_DCI Delay Value/Window and Phase Rotation Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
DCI_DEL[3:0]
[7:4]
R/W
0111
Refer to the DCI_DEL description in Register 0x14.
0x13
FINE_DEL_SKEW
[3:0]
R/W
0001
A 4-bit value sets the difference (that is, window) for the DCI PRE and POST
sampling clocks. Leave at the default value of 1 for a narrow window.
CLKDIVPH[1:0]
[7:6]
R/W
00
Relative phase of internal div-by-4 circuit. This feature allows phase rotation in 90°
increments (that is, 1 count) to extend Rx controllers locking range for clock rates
between 0.8 GSPS to 1.6 GSPS (only valid with sync controller disabled).
0x14
DCI_DEL[9:4]
[5:0]
R/W
001010
Controller enabled: the 10-bit value (with a maximum of 332) represents the start
value for the delay line used by the state machine to sample the DCI input. Leave
at the default setting of 167, which represents the midpoint of the delay line.
Controller disabled: the value sets the actual value of the delay line.
SYNC GAIN[1:0]
[7:6]
R/W
00
Sets the sync tracking gain (optimal value is 1).
SYNCOUT_PH[1:0]
[5:4]
R/W
00
Readback of the present SYNC_OUT phase selection.
0x15
LCKTHR[3:0]
[3:0]
R/W
0000
Sets the difference between the sample and DCI delays to lock (optimal value is 2).
0x16
SYNCO_DEL[6:0]
[6:0]
R/W
0x00
Sets the sync output delay value when the synch controller is disabled; otherwise,
is the read status of the sync output delay value when sync is enabled.
0x17
SYNCSH_DEL[0]
[7]
R/W
0x00
Sets the sync setup and hold delay value when the synch controller is disabled;
otherwise, is the read status of sync setup and hold value when sync is enabled.
0x18
SYNCSH_DEL[8:1]
[7:0]
R/W
0x00
Sets the sync setup and hold delay value when the synch controller is disabled;
otherwise, is the read status of sync setup and hold value when sync is enabled.
DATA RECEIVER CONTROLLER_DELAY LINE STATUS AND SYNC CONTROLLER SYNC_OUT STATUS
Table 21. Data Receiver Controller_Delay Line Status and Sync Controller SYNC_OUT Status Register
Address
(Hex)
Name
Bit
R/W
Default
Setting
Comments
0x19
SMP_DEL[1:0]
[7:6]
R
00
0x1A
SMP_DEL[9:2]
[7:0]
R
0x00
SYNCOUT_PH[1:0]
3:2
R
00
CLKDIV PH[1:0]
1:0
R
00
0x1B
DCI_DEL[1:0]
[7:6]
R
00
0x1C
DCI_DEL[9:2]
[7:0]
R
0x00
The actual value of the DCI and data delay lines determined by the data receiver
controller (when enabled) after the state machine completes its search and enters
track mode. Note that these values should be equal.
SYNCOUT_PH provides phase status (0/90/180/270) of phase select mux, while
CLKDIVPH provides phase status of data receiver controller (Register 0x14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com