Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO130NDB3V2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # IO130NDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO130NDB3V2 Datasheet(HTML) 3 Page - Microsemi Corporation

  IO130NDB3V2 Datasheet HTML 1Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 2Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 3Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 4Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 5Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 6Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 7Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 8Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
III
Military ProASIC3/EL Ordering Information
Speed Grade
Blank = Standard
1 = 15% Faster than Standard
A3P1000
FG
_
Part Number
Military ProASIC3/EL Devices
1
Package Type
144
M
Y
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
M = Military (
–55°C to 125°C Junction Temperature)
Blank = Standard Packaging
G = RoHS-Compliant (Green) Packaging
600,000 System Gates
A3PE600L =
250,000 System Gates
A3P250 =
1,000,000 System Gates
A3P1000 =
3,000,000 System Gates
A3PE3000L =
Military ProASIC3/EL Devices with ARM Cortex-M1
1,000,000 System Gates
M1A3P1000 =
3,000,000 System Gates
M1A3PE3000L =
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com