Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO130NDB3V2 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # IO130NDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO130NDB3V2 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button IO130NDB3V2 Datasheet HTML 78Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 79Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 80Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 81Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 82Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 83Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 84Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 85Page - Microsemi Corporation IO130NDB3V2 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-68
Revision 3
Table 2-103 • 1.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
8.94
0.05
1.43
0.45
9.11
7.80
2.99
2.67
11.57
10.26
ns
–1
0.54
7.61
0.04
1.21
0.39
7.75
6.64
2.54
2.27
9.84
8.73
ns
4 mA
Std.
0.63
7.68
0.05
1.43
0.45
7.83
6.91
3.34
3.30
10.29
9.37
ns
–1
0.54
6.54
0.04
1.21
0.39
6.66
5.88
2.84
2.80
8.75
7.97
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-104 • 1.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
3.55
0.05
1.56
0.45
3.61
3.22
2.98
2.80
6.07
5.68
ns
–1
0.54
3.02
0.04
1.33
0.39
3.07
2.74
2.54
2.39
5.16
4.83
ns
4 mA
Std.
0.63
3.09
0.05
1.56
0.45
3.14
2.62
3.34
3.44
5.60
5.08
ns
–1
0.54
2.62
0.04
1.33
0.39
2.67
2.23
2.84
2.93
4.77
4.32
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com