Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1025CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1025CS8
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1025CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1025CS8 Datasheet HTML 1Page - Linear Technology LT1025CS8 Datasheet HTML 2Page - Linear Technology LT1025CS8 Datasheet HTML 3Page - Linear Technology LT1025CS8 Datasheet HTML 4Page - Linear Technology LT1025CS8 Datasheet HTML 5Page - Linear Technology LT1025CS8 Datasheet HTML 6Page - Linear Technology LT1025CS8 Datasheet HTML 7Page - Linear Technology LT1025CS8 Datasheet HTML 8Page - Linear Technology LT1025CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1025
1025fb
DESCRIPTIO
APPLICATIO S
s
80
µA Supply Current
s
4V to 36V Operation
s
0.5
°C Initial Accuracy (A Version)
s
Compatible with Standard Thermocouples
(E, J, K, R, S, T)
s
Auxiliary 10mV/
°C Output
s
Available in 8-Lead PDIP and SO Packages
s
Thermocouple Cold Junction Compensator
s
Centigrade Thermometer
s
Temperature Compensation Network
Micropower Thermocouple
Cold Junction Compensator
Type K 10mV/
°C Thermometer
The LT
®1025 is a micropower thermocouple cold junction
compensator for use with type E, J, K, R, S, and T
thermocouples. It utilizes wafer level and post-package
trimming to achieve 0.5
°C initial accuracy. Special curvature
correction circuitry is used to match the “bow” found in all
thermocouples so that accurate cold junction compensation
is maintained over a wider temperature range.
TheLT1025willoperatewithasupplyvoltagefrom4Vto36V.
Typical supply current is 80
µA, resulting in less than 0.1°C
internal temperature rise for supply voltages under 10V.
A 10mV/
°C output is available at low impedance, in addition
to the direct thermocouple voltages of 60.9
µV/°C (E),
51.7
µV/°C (J), 40.3µV/°C (K, T) and 5.95µV/°C (R, S). All
outputs are essentially independent of power supply voltage.
A special kit is available (LTK001) which contains an LT1025
and a custom tailored thermocouple amplifier. The amplifier
and compensator are matched to allow a much tighter specifi-
cation of temperature error than would be obtained by adding
the compensator and amplifier errors on a worst-case basis.
The amplifier from this kit is available separately as LTKA0x.
The LT1025 is available in either an 8-pin PDIP or 8-pin SO
package for temperatures between 0
°C and 70°C.
–
–
+
BOW*
CORRECTION
VOLTAGE
BUFFER
VIN
GND
E 60.9
µV/°C
V0 10mV/°C
R– COMMON
J 51.7
µV/°C
K,T 40.6
µV/°C
R, S 6
µV/°C
10mV/
°C
TEMPERATURE
SENSOR
*CORRECTS FOR BOW
IN
COLD JUNCTION, NOT
IN PROBE (HOT JUNCTION)
LT1025 • BD01
+
–
LTKA0x
††
TYPE K
R4*
V+
V+
R1
1k
1%
C2
0.1
µF
C1
0.1
µF
–+
R2
100
Ω
FULL-SCALE TRIM
VOUT
10mV/
°C
R3**
255k
1%
V–
V–
30
µA
V–
GND R–
VO
K
LT1025
*R4
≤
, R4 IS NOT REQUIRED
(OPEN) FOR LT1025 TEMPERATURES
≥ 0°C
**SELECTED FOR 0
°C TO 100°C RANGE
†† OR EQUIVALENT. SEE
“AMPLIFIER CONSIDERATIONS”
VIN
LT1025 • TA01
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.
BLOCK DIAGRA
TYPICAL APPLICATIO


Similar Part No. - LT1025CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025CS8 LINER-LT1025CS8 Datasheet
193Kb / 12P
Micropower Thermocouple Cold Junction Compensator
More results

Similar Description - LT1025CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AC1226 AD-AC1226 Datasheet
374Kb / 4P
Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
Micropower Thermocouple Cold Junction Compensator
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
Thermocouple Cold Junction Compensator and Matched Amplifier
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
High Accuracy, Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025_03 Datasheet
193Kb / 12P
Micropower Thermocouple Cold Junction Compensator
LTK001 LINER-LTK001_09 Datasheet
105Kb / 8P
Thermocouple Cold Junction Compensator and Matched Amplifier
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
High Accuracy, Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
Micropower Thermocouple Cold Junction Compensator
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
Thermocouple Cold Junction Compensator and Matched Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com