Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1025CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1025CS8
Description  Micropower Thermocouple Cold Junction Compensator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1025CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1025CS8 Datasheet HTML 1Page - Linear Technology LT1025CS8 Datasheet HTML 2Page - Linear Technology LT1025CS8 Datasheet HTML 3Page - Linear Technology LT1025CS8 Datasheet HTML 4Page - Linear Technology LT1025CS8 Datasheet HTML 5Page - Linear Technology LT1025CS8 Datasheet HTML 6Page - Linear Technology LT1025CS8 Datasheet HTML 7Page - Linear Technology LT1025CS8 Datasheet HTML 8Page - Linear Technology LT1025CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1025
1025fb
an extender made of matching thermocouple wire can be
used. This shifts the cold junction from the user termina-
tion to the end of the extender so that the LT1025 can be
located remotely from the user termination as shown in
Figure 2.
The four thermocouple outputs on the LT1025 are
60.9
µV/°C (E), 51.7µV/°C (J), 40.6µV/°C (K and T), and
6
µV/°C (R and S). These particular coefficients are chosen
to match the room temperature (25
°C) slope of the
thermocouples. Over wide temperature ranges, however,
the slope of thermocouples changes, yielding a quasi-
parabolic error compared to a constant slope. The LT1025
outputs have a deliberate parabolic “bow” to help
compensate for this effect. The outputs can be mathemati-
cally described as the sum of a linear term equal to room
temperature slope plus a quadratic term proportional to
temperature deviation from 25
°C squared. The coefficient
(ß) of the quadratic term is a compromise value chosen to
offer improvement in all the outputs.
VOUT = αT + αß(T –25°)2
ß
≈ 5.5 • 10–4
The actual ß term which would be required to best
compensate each thermocouple type in the temperature
range of 0
°C to 50°C is: E, 6.6 • 10–4; J, 4.8 • 10–4;
K, 4.3 • 10–4; R, 1.9 • 10–3, S, 1.9 • 10–3; T, 1 • 10–3.
The temperature error specification for the LT1025
10mV/
°C output (shown as a graph) assumes a ß of
5.5 •10 –4. For example, an LT1025 is considered “perfect”
if its 10mV/
°C output fits the equation VO = 10mV(T) +
(10mV)(5.5 • 10 –4)(T – 25
°C)2.
Operating at Negative Temperatures
The LT1025 is designed to operate with a single positive
supply. It therefore cannot deliver proper outputs for
temperatures below zero unless an external pull-down
resistor is added to the VO output. This resistor can be
connected to any convenient negative supply. It should be
selected to sink at least 30
µA of current. Suggested value
for a –5V supply is 150k
Ω, and for a –15V supply, 470kΩ.
Smaller resistors must be used if an external load is
connected to the 10mV/
°C output. The LT1025 can source
up to 1mA of current, but there is a trade-off with internal
temperature rise.
Internal Temperature Rise
The LT1025 is specified for temperature accuracy assum-
ing no internal temperature rise. At low supply voltages
this rise is usually negligible (
≈ 0.05°C at 5V), but at higher
supply voltages or with external loads or pull-down cur-
rent, internal rise could become significant. This effect can
be calculated from a simple thermal formula,
∆T = (θJA)
(V+)(IQ + IL), where θJAis thermal resistance from junction
to ambient, (
≈130°C/W), V+ is the LT1025 supply voltage,
IQ is the LT1025 supply current (≈ 80µA) and IL is the total
load current including actual load to ground and any pull-
down current needed to generate negative outputs. A
sample calculation with a 15V supply and 50
µA pull-down
current would yield, (130
°C/W) (15V) (80µA + 50µA) =
0.32
°C. This is a significant rise in some applications. It
can be reduced by lowering supply voltage (a simple fix is
to insert a 10V zener in the VIN lead) or the system can be
calibrated and specified after an initial warm-up period of
several minutes.
Driving External Capacitance
The direct thermocouple drive pins on the LT1025 (J, K,
etc.) can be loaded with as much capacitance as desired,
but the 10mV/
°C output should not be loaded with more
than 50pF unless external pull-down current is added, or
a compensation network is used.
Thermocouple Effects in Leads
Thermocouple voltages are generated whenever dissimi-
lar materials are joined. This includes the leads of IC
packages, which may be kovar in TO-5 cans, alloy 42 or
copper in dual-in-line packages, and a variety of other
materials in plating finishes and solders. The net effect
of these thermocouples is “zero” if all are at exactly the
Figure 2
“HOT”
JUNCTION
Fe
Fe
CN
CN
EXTENDER
Cu
Cu
“NEW” COLD
JUNCTION
AMPLIFIER
FRONT PANEL
CONNECTOR
LT1025 • AG02
LT1025
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com