Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD724JRZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD724JRZ
Description  RGB to NTSC/PAL Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD724JRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD724JRZ Datasheet HTML 3Page - Analog Devices AD724JRZ Datasheet HTML 4Page - Analog Devices AD724JRZ Datasheet HTML 5Page - Analog Devices AD724JRZ Datasheet HTML 6Page - Analog Devices AD724JRZ Datasheet HTML 7Page - Analog Devices AD724JRZ Datasheet HTML 8Page - Analog Devices AD724JRZ Datasheet HTML 9Page - Analog Devices AD724JRZ Datasheet HTML 10Page - Analog Devices AD724JRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD724
REV. B
–7–
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.16
–0.49
–0.53
–0.52
–0.38
0.00
–0.44
–1.14
–1.01
–0.53
–0.01
DG DP (NTSC) (SYNC = EXT)
FIELD = 1 LINE = 27, 100 IRE RAMP
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.53
MAX = 0.00
p–p/MAX = 0.53
MIN = –1.14
MAX = 0.00
pk–pk = 1.14
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.5
0.0
–0.5
–1.0
–1.5
Figure 10. Composite Output
Differential Phase and Gain, NTSC
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.14
–0.32
–0.16
0.04
0.10
0.00
–1.01
–1.18
–0.44
0.42
0.70
DG DP (PAL) (SYNC = EXT)
LINE = 25, 700mV RAMP
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.32
MAX = 0.10
pk–pk = 0.42
MIN = –1.18
MAX = 0.70
pk–pk = 1.89
0.2
0.1
0.0
–0.2
–0.4
–0.5
0.3
–0.3
–0.1
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
Figure 11. Composite Output
Differential Phase and Gain, PAL
9.72 s
5.49 s
4.59 s
39.7 IRE
33.8 IRE
H TIMING MEASUREMENT RS–170A (NTSC)
FIELD = 1 LINE = 22
124ns
100ns
9.0
CYCLES
AVERAGE
256
Figure 12. Horizontal Timing, NTSC
5.59 s
AVERAGE
256
102ns
94ns
2.28 s
4.60 s
293.5mV
249.0mV
H TIMING (PAL)
LINE = 25
Figure 13. Horizontal Timing, PAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com