Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD724JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD724JRZ
Description  RGB to NTSC/PAL Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD724JRZ Datasheet(HTML) 1 Page - Analog Devices

  AD724JRZ Datasheet HTML 1Page - Analog Devices AD724JRZ Datasheet HTML 2Page - Analog Devices AD724JRZ Datasheet HTML 3Page - Analog Devices AD724JRZ Datasheet HTML 4Page - Analog Devices AD724JRZ Datasheet HTML 5Page - Analog Devices AD724JRZ Datasheet HTML 6Page - Analog Devices AD724JRZ Datasheet HTML 7Page - Analog Devices AD724JRZ Datasheet HTML 8Page - Analog Devices AD724JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
a
RGB to NTSC/PAL Encoder
AD724
FEATURES
Low Cost, Integrated Solution
+5 V Operation
Accepts FSC Clock or Crystal, or 4FSC Clock
Composite Video and Separate Y/C (S-Video) Outputs
Luma and Chroma Outputs Are Time Aligned
Minimal External Components:
No External Filters or Delay Lines Required
Onboard DC Clamp
Accepts Either HSYNC and VSYNC or CSYNC
Phase Lock to External Subcarrier
Drives 75
Reverse-Terminated Loads
Logic Selectable NTSC or PAL Encoding Modes
Compact 16-Lead SOIC
APPLICATIONS
RGB to NTSC or PAL Encoding
PRODUCT DESCRIPTION
The AD724 is a low cost RGB to NTSC/PAL Encoder that
converts red, green and blue color component signals into their
corresponding luminance (baseband amplitude) and chromi-
nance (subcarrier amplitude and phase) signals in accordance
with either NTSC or PAL standards. These two outputs are also
combined to provide composite video output. All three outputs can
simultaneously drive 75
Ω, reverse-terminated cables. All logi-
cal inputs are TTL, 3 V and 5 V CMOS compatible. The chip
operates from a single +5 V supply. No external delay lines or
filters are required. The AD724 may be powered down when
not in use.
The AD724 accepts either FSC or 4FSC clock. When a clock is
not available, a low cost parallel-resonant crystal (3.58 MHz
(NTSC) or 4.43 MHz (PAL)) and the AD724’s on-chip oscilla-
tor generate the necessary subcarrier clock. The AD724 also
accepts the subcarrier clock from an external video source.
The interface to graphics controllers is simple: an on-chip logic
“XNOR” accepts the available vertical (VSYNC) and horizon-
tal sync (HSYNC) signals and creates the composite sync
(CSYNC) signal on-chip. If available, the AD724 will also
accept a standard CSYNC signal by connecting VSYNC to
Logic HI and applying CSYNC to the HSYNC pin. The
AD724 contains decoding logic to identify valid horizontal sync
pulses for correct burst insertion.
Delays in the U and V chroma filters are matched by an on-chip
sampled-data delay line in the Y signal path. To prevent alias-
ing, a prefilter at 5 MHz is included ahead of the delay line and
a post-filter at 5 MHz is added after the delay line to suppress
harmonics in the output. These low-pass filters are optimized
for minimum pulse overshoot. The overall luma delay, relative
to chroma, has been designed to be time aligned for direct input to
a television’s baseband. The AD724 comes in a space-saving
SOIC and is specified for the 0
°C to +70°C commercial tem-
perature range.
FUNCTIONAL BLOCK DIAGRAM
4FSC
PHASE
DETECTOR
LOOP
FILTER
4FSC
FSC
SUB-
CARRIER
NTSC/PAL
HSYNC
VSYNC
BURST
NTSC/PAL
FSC 90
°
FSC 0
°
SC 90
°/270°
FSC
CSYNC
CSYNC
DC
CLAMP
RED
GREEN
BLUE
RGB-TO-YUV
ENCODING
MATRIX
CSYNC
Y
U
V
4-POLE
LPF
4-POLE
LPF
BALANCED
MODULATORS
4-POLE
LPF
NTSC/PAL
SAMPLED-
DATA
DELAY LINE
X2
X2
X2
LUMINANCE
OUTPUT
COMPOSITE
OUTPUT
CHROMINANCE
OUTPUT
U
CLAMP
CLOCK
AT 8FSC
4FSC
VCO
CHARGE
PUMP
XOSC
XNOR
SYNC
SEPARATOR
QUADRATURE
+4
DECODER
BURST
V
CLAMP
±180°
(PAL ONLY)
2-POLE
LP POST-
FILTER
3-POLE
LP PRE-
FILTER
4FSC
DC
CLAMP
DC
CLAMP
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD724JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD724JR AD-AD724JR Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
AD724JR-REEL AD-AD724JR-REEL Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
AD724JR-REEL7 AD-AD724JR-REEL7 Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
More results

Similar Description - AD724JRZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
NTSC / PAL digital RGB encoder
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
RGB to NTSC/PAL Encoders
REV.0
AD722 AD-AD722 Datasheet
363Kb / 12P
RGB to NTSC/PAL Encoder
REV.0
AD724 AD-AD724 Datasheet
205Kb / 15P
RGB to NTSC/PAL Encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
RGB ENCODER FOR PAL/NTSC
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Analog Devices
AD720 AD-AD720_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com