Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1933YSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD1933YSTZ
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933YSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1933YSTZ Datasheet HTML 20Page - Analog Devices AD1933YSTZ Datasheet HTML 21Page - Analog Devices AD1933YSTZ Datasheet HTML 22Page - Analog Devices AD1933YSTZ Datasheet HTML 23Page - Analog Devices AD1933YSTZ Datasheet HTML 24Page - Analog Devices AD1933YSTZ Datasheet HTML 25Page - Analog Devices AD1933YSTZ Datasheet HTML 26Page - Analog Devices AD1933YSTZ Datasheet HTML 27Page - Analog Devices AD1933YSTZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD1933
Data Sheet
Rev. E | Page 24 of 28
APPLICATION CIRCUITS
Typical applications circuits are shown in Figure 21 through
Figure 23. Figure 21 shows the recommended loop filters when
using either the LR clock or the master clock as the PLL reference.
Output filters for the DAC outputs are shown in Figure 22 and
the regulator circuit is shown in Figure 23.
39nF
+
2.2nF
LF
LRCLK
AVDD2
3.32kΩ
5.6nF
390pF
LF
MCLK
AVDD2
562Ω
Figure 21. Recommended Loop Filters for LRCLK or MCLK PLL Reference
2
1
3
OP275
–
+
2.2nF
NPO
AUDIO
OUTPUT
604Ω
68pF
NPO
150pF
NPO
560pF
NPO
270pF
NPO
DAC
OUTN
3.01kΩ
11kΩ
DAC
OUTP
1.50kΩ
5.62kΩ
11kΩ
5.62kΩ
Figure 22. Typical DAC Output Filter Circuit (Differential)
10µF
+
E
C
B
VSUPPLY
5V
VSENSE
3.3V
FZT953
VDRIVE
1kΩ
100nF
10µF
+
100nF
Figure 23. Recommended 3.3 V Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com