| Electronic Components Datasheet Search |
|
LTC1296CCSW Datasheet(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1296CCSW Datasheet(HTML) 22 Page - Linear Technology |
|
22 / 28 page ![]() 22 LTC1293/LTC1294/LTC1296 129346fs LTC1293/4/6 AC Characteristics Two commonly used figures of merit for specifying the dynamic performance of the A/Ds in digital signal process- ing applications are the Signal-to-Noise Ratio (SNR) and the “effective number of bits”(ENOB). SNR is the ratio of the RMS magnitude of the fundamental to the RMS magnitude of all the non-fundamental signals up to the Nyquist frequency (half the sampling frequency). The theoretical maximum SNR for a sine wave input is given by: SNR = (6.02N + 1.76dB) where N is the number of bits. Thus the SNR depends on the resolution of the A/D. For an ideal 12-bit A/D the SNR is equal to 74dB. A Fast Fourier Transform (FFT) plot of the output spectrum of the LTC1294 is shown in Figures 16a and 16b. The input (fIN) frequencies are 1kHz and 22kHz with the sampling frequency (fS) at 45.4kHz. The SNR obtained from the plot are 72.7dB and 72.5dB. Rewriting the SNR expression it is possible to obtain the equivalent resolution based on the SNR measurement. This is the so-called effective number of bits (ENOB). For the example shown in Figures 16a and 16b, N = 11.8 bits. Figure 17 shows a plot of ENOB as a function of input frequency. The top curve shows the A/D’s ENOB remains at 11.8 for input frequencies up to fS/2 with ±5V supplies. S APPLICATI I FOR ATIO a 1.25 reference. If this offset is unacceptable, it can be corrected digitally by the receiving system or by offsetting the “–” input to the LTC1293/4/6. Noise with Reduced VREF The total input referred noise of the LTC1293/4/6 can be reduced to approximately 200 µV peak-to-peak using a ground plane, good bypassing, good layout techniques and minimizing noise on the reference inputs. This noise is insignificant with a 5V reference input but will become a larger fraction of an LSB as the size of the LSB is reduced. The typical performance characteristic curve of Noise Error vs Reference Voltage shows the LSB contribution of this 200 µV of noise. For operation with a 5V reference, the 200 µV noise is only 0.16LSB peak-to-peak. Here the LTC1293/4/6 noise will contribute virtually no uncertainty to the output code. For reduced references, the noise may become a significant fraction of an LSB and cause undesirable jitter in the output code. For example, with a 1.25V reference, this 200 µV noise is 0.64LSB peak-to-peak. This will reduce the range of input voltages over which a stable output code can be achieved by 0.64LSB. Now averaging readings may be necessary. This noise data was taken in a very clean test fixture. Any setup induced noise (noise or ripple on VCC, VREF or VIN) will add to the internal noise. The lower the reference voltage used, the more critical it becomes to have a noise- free setup. Gain Error due to Reduced VREF The gain error of the LTC1294/6 is very good over a wide range of reference voltages. The error component that is seen in the typical performance characteristics curve Change in Gain Error vs Reference Voltage for the LTC1293 is due the voltage drop on the AGND pin from the device to the ground plane. To minimize this error the LTC1293 should be soldered directly onto the PC board. The internal reference point for VREF is tied to AGND. Any voltage drop in the AGND pin will make the reference voltage, internal to the device, less than what is applied externally (Figure 15). This drop is typically 400 µV due to the product of the pin resistance (RPIN) and the LTC1293 supply current. For example, with VREF = 1.25V this will result in a gain error change of –1.0LSB from the gain error measured with VREF = 5V. N SNR dB = ⎛ ⎝⎜ ⎞ ⎠⎟ –. . 176 602 Figure 15. Parasitic Pin Resistance (RPIN) LTC1293 REF+ RPIN ICC DAC REF– VREF AGND LTC1293 F15 ± REFERENCE VOLTAGE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |