Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1296CCSW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1296CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296CCSW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1296CCSW Datasheet HTML 19Page - Linear Technology LTC1296CCSW Datasheet HTML 20Page - Linear Technology LTC1296CCSW Datasheet HTML 21Page - Linear Technology LTC1296CCSW Datasheet HTML 22Page - Linear Technology LTC1296CCSW Datasheet HTML 23Page - Linear Technology LTC1296CCSW Datasheet HTML 24Page - Linear Technology LTC1296CCSW Datasheet HTML 25Page - Linear Technology LTC1296CCSW Datasheet HTML 26Page - Linear Technology LTC1296CCSW Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
FREQUENCY (kHz)
0
9.5
10.0
10.5
60
100
LT1293 F17
9.0
8.5
8.0
20
40
80
11.0
11.5
12.0
fS = 45.4kHz
±5V SUPPLIES
+5V SUPPLY
For +5V supplies the ENOB decreases more rapidly. This
is due predominantly to the 2nd harmonic distortion term.
Figure 18 shows a FFT plot of the output spectrum for two
tones applied to the input of the A/D. Nonlinearities in the
A/D will cause distortion products at the sum and differ-
ence frequencies of the fundamentals and products of the
fundamentals. This is classically referred to as
intermodulation distortion (IMD).
Overvoltage Protection
Applying signals to the LTC1293/4/6’s analog inputs that
exceed the positive supply or that go below V
– will
degrade the accuracy of the A/D and possibly damage the
device. For example this condition would occur if a signal
is applied to the analog inputs before power is applied to
the LTC1293/4/6. Another example is the input source is
operating from different supplies of larger value than the
LTC1293/4/6. These conditions should be prevented ei-
ther with proper supply sequencing or by use of external
circuitry to clamp or current limit the input source. There
are two ways to protect the inputs. In Figure 19 diode
clamps from the inputs to VCC and V
– are used. The
second method is to put resistors in series with the analog
inputs for current limiting. As shown in Figure 20a, a 1k
Ω
resistor is enough to stand off
±15V (15mA for only one
channel). If more than one channel exceeds the supplies
than the following guidelines can be used. Limit the
current to 7mA per channel and 28mA for all channels.
FREQUENCY (kHz)
0
–40
–20
0
15
1293 F16a
–60
–80
20
–100
–120
–140
25
10
5
FREQUENCY (kHz)
0
–40
–20
0
15
1293 F16b
–60
–80
20
–100
–120
–140
25
10
5
FREQUENCY (kHz)
0
–40
–20
0
15
1293 F8
–60
–80
20
–100
–120
–140
25
10
5
Figure 16b. LTC1294 FFT Plot
fIN = 22kHz, fS = 45.4kHz,
SNR = 72.5dB with
±5V Supplies
Figure 16a. LTC1294 FFT Plot
fIN = 1kHz, fS = 45.4kHz,
SNR = 72.7dB with
±5V Supplies
Figure 17. LTC1294 ENOB vs Input Frequency
Figure 18. LTC1294 FFT Plot
fIN1 = 5.1kHz, fIN2 = 5.6kHz, fS = 45.4kHz
with
±5V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com