Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2802IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2802IDE Datasheet HTML 8Page - Linear Technology LTC2802IDE Datasheet HTML 9Page - Linear Technology LTC2802IDE Datasheet HTML 10Page - Linear Technology LTC2802IDE Datasheet HTML 11Page - Linear Technology LTC2802IDE Datasheet HTML 12Page - Linear Technology LTC2802IDE Datasheet HTML 13Page - Linear Technology LTC2802IDE Datasheet HTML 14Page - Linear Technology LTC2802IDE Datasheet HTML 15Page - Linear Technology LTC2802IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
2801 F17
LTC2803
R T
1.8V TO 5.5V
VCC
VL
PS
MODE
5
12
10
11
13
15
14
16
T2OUT
R2IN
T1OUT
R1IN
T2IN
R2OUT
T1IN
R1OUT
4
2
3
1
8
GND
3.3k
3.3k
2801 F16
LTC2802
R T
VCC
VL
PS
MODE
3
10
8
9
11
12
TOUT
RIN
TIN
ROUT
2
1
6
GND
3.3k
1.8V TO 5.5V
2801 F15
LTC2802
R T
VCC
VL
PS
MODE
3
10
8
9
11
12
TOUT
RIN
TIN
ROUT
2
1
6
GND
1.8V TO 5.5V
2801 F14
LTC2804-1
OFF ON
1.8V TO 5.5V
VCC
VL
ON/OFF
5
12
11
13
14
15
16
T2OUT
T1OUT
R2IN
R1IN
T2IN
T1IN
R2OUT
R1OUT
4
3
2
1
8
GND
2801 F13
LTC2802
VCC
VL
PS
MODE
3
10
8
9
11
12
TOUT
RIN
TIN
ROUT
2
1
6
GND
5V
µP
3V
2801 F12
LTC2801
VCC
VL
PS
MODE
3
10
8
9
11
12
TOUT
RIN
TIN
ROUT
2
1
6
GND
1.8V
µP
5V
2801 F11
LTC2804
VCC
VL
PS
MODE
5
12
10
11
13
14
15
16
T2OUT
T1OUT
R2IN
R1IN
T2IN
T1IN
R2OUT
R1OUT
4
3
2
1
RTS
TD
CTS
RD
VBATT
RTS
TD
CTS
RD
8
GND
PERIPHERAL
CELL PHONE
1.8V TO 5.5V
tyPical aPPlicationS
2801 F10
LTC2803
RA ON
1.8V TO 5.5V
VCC
VL
MODE
PS
5
12
11
10
13
14
15
16
T2OUT
T1OUT
R2IN
R1IN
T2IN
T1IN
R2OUT
R1OUT
4
3
2
1
8
GND
Figure 16. Half-Duplex on Single Line
Figure 15. Half-Duplex on Single Line,
Separate ROUT, TIN
Figure 14. Power-Saving Shutdown Mode
Figure 13. 5V Microprocessor Interface
Figure 12. 1.8V Microprocessor Interface
Figure 11. Cellphone Peripheral Interface
Figure 10. Power-Saving Receivers-Active Mode
Figure 17. Half-Duplex Dual Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com