Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2802IDE Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2802IDE Datasheet HTML 10Page - Linear Technology LTC2802IDE Datasheet HTML 11Page - Linear Technology LTC2802IDE Datasheet HTML 12Page - Linear Technology LTC2802IDE Datasheet HTML 13Page - Linear Technology LTC2802IDE Datasheet HTML 14Page - Linear Technology LTC2802IDE Datasheet HTML 15Page - Linear Technology LTC2802IDE Datasheet HTML 16Page - Linear Technology LTC2802IDE Datasheet HTML 17Page - Linear Technology LTC2802IDE Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
reviSion hiStory
REV
DATE
DESCRIPTION
PAGE NUMBER
E
5/10
Replaced Product Selection Guide
Labeled packages with appropriate part numbers in Pin Configuration section
Changed title of Table 1 in Mode Control section
Updated Feature Summary section
Revised first sentence of Power Saving Modes section
1
2
8
9
10
(Revision history begins at Rev E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com