Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4305CDHD Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 2 Page - Linear Technology

  LTC4305CDHD Datasheet HTML 1Page - Linear Technology LTC4305CDHD Datasheet HTML 2Page - Linear Technology LTC4305CDHD Datasheet HTML 3Page - Linear Technology LTC4305CDHD Datasheet HTML 4Page - Linear Technology LTC4305CDHD Datasheet HTML 5Page - Linear Technology LTC4305CDHD Datasheet HTML 6Page - Linear Technology LTC4305CDHD Datasheet HTML 7Page - Linear Technology LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4305
4305f
2
ABSOLUTE
AXI U
RATI GS (Note 1)
Supply Voltage (VCC) ................................... –0.3V to 7V
Input Voltages (ADR0, ADR1, ADR2,
ENABLE, ALERT1, ALERT2) .................... –0.3V to 7V
Output Voltages (ALERT, READY) ............... –0.3V to 7V
Input/Output Voltages (SDAIN, SCLIN,
SCL1, SDA1, SCL2, SDA2) ...................... –0.3V to 7V
Output Sink Current (SDAIN, SCLIN, SCL1,
SDA1, SCL2, SDA2, ALERT, READY) ............... 10mA
Operating Temperature Range
LTC4305C ............................................... 0
°C to 70°C
LTC4305I ............................................. –40
°C to 85°C
Storage Temperature Range
DHD Package .................................... –65
°C to 125°C
GN Package ....................................... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec)
GN Package ...................................................... 300
°C
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PART MARKING
4305
4305I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marketing: http://www.linear.com/leadfree/
TJMAX = 125°C, θJA = 135°C/W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
16
15
14
13
12
11
10
9
ALERT2
ALERT
SDAIN
GND
SCLIN
ENABLE
VCC
ADR0
SCL2
SDA2
ALERT1
SDA1
SCL1
READY
ADR2
ADR1
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
SCL2
SDA2
ALERT1
SDA1
SCL1
READY
ADR2
ADR1
ALERT2
ALERT
SDAIN
GND
SCLIN
ENABLE
VCC
ADRO
TOP VIEW
DHD PACKAGE
16-LEAD (4mm
× 5mm) PLASTIC DFN
EXPOSED PAD (PIN 17) PCB CONNECTION OPTIONAL
MUST BE CONNECTED TO PCB TO OBTAIN
θJA = 43°C/W OTHERWISE θJA = 140°C/W. TJMAX = 125°C
LTC4305CDHD
LTC4305IDHD
ORDER PART NUMBER
DHD PART MARKING
4305
4305
LTC4305CGN
LTC4305IGN
ORDER PART NUMBER
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply/Start-Up
VCC
Input Supply Range
2.7
5.5
V
ICC
Input Supply Current
Downstream Connected, VCC = 5.5V
5.2
8
mA
SCL Bus Low, SDA Bus High
ICC ENABLE = 0V
Input Supply Current
VENABLE = 0V, VCC = 5.5V
1.25
2.5
mA
VUVLOU
UVLO Upper Threshold Voltage
2.3
2.5
2.7
V
VUVLOHYST
UVLO Threshold Hysteresis Voltage
100
175
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com