Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5421 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 1 Page - Analog Devices

  ADG5421 Datasheet HTML 1Page - Analog Devices ADG5421 Datasheet HTML 2Page - Analog Devices ADG5421 Datasheet HTML 3Page - Analog Devices ADG5421 Datasheet HTML 4Page - Analog Devices ADG5421 Datasheet HTML 5Page - Analog Devices ADG5421 Datasheet HTML 6Page - Analog Devices ADG5421 Datasheet HTML 7Page - Analog Devices ADG5421 Datasheet HTML 8Page - Analog Devices ADG5421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage Latch-Up Proof,
Dual SPST Switches
Data Sheet
ADG5421/ADG5423
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Latch-up immune under all circumstances
Human body model (HBM) ESD rating: 8 kV
Low on resistance: 13.5 Ω
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
48 V supply maximum ratings
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
VDD to VSS analog signal range
APPLICATIONS
High voltage signal routing
Automatic test equipment
Analog front-end circuits
Precision data acquisition
Industrial instrumentation
Amplifier gain select
Relay replacement
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADG5421
Figure 2. ADG5423
GENERAL DESCRIPTION
The ADG5421/ADG5423 are monolithic industrial,
complementary metal oxide semiconductor (CMOS) analog
switches containing two independent latch-up immune single-
pole/single-throw (SPST) switches. Each switch conducts
equally well in both directions when on, and has an input signal
range that extends to the power supplies. In the off condition,
signal levels up to the supplies are blocked. Both ADG5421
switches are turned on with a Logic 1 input, whereas the
ADG5423 has one switch turned on and one switch turned off
for a Logic 1 input. The ADG5423 exhibits break-before-make
action for use in multiplexer applications.
The ultralow on resistance and on-resistance flatness of these
switches make them ideal solutions for data acquisition and gain
switching applications where low distortion is critical. The
latch-up immune construction and high ESD rating make these
switches more robust in harsh environments.
PRODUCT HIGHLIGHTS
1. Trench isolation guards against latch-up. A dielectric trench
separates the P channel and N channel transistors, thereby
preventing latch-up even under severe overvoltage
conditions.
2. Low RON of 13.5 Ω.
3. Dual-supply operation. For applications where the analog
signal is bipolar, the ADG5421/ADG5423 can operate
from dual supplies up to ±22 V.
4. Single-supply operation. For applications where the analog
signal is unipolar, the ADG5421/ADG5423 can operate from
a single-rail power supply up to 40 V.
5. 3 V logic compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
6. No VL logic power supply required.
7. Available in 10-lead MSOP package.
ADG5421
IN1
IN2
D2
S2
S1
D1
SWITCHES SHOWN FOR A LOGIC 0 INPUT
IN1
S1
D1
ADG5423
IN2
D2
S2
SWITCHES SHOWN FOR A LOGIC 0 INPUT


Similar Part No. - ADG5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
10/2020-Revision 0
ADG5421FBCPZ-RL7 AD-ADG5421FBCPZ-RL7 Datasheet
587Kb / 31P
짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
10/2020-Revision 0
More results

Similar Description - ADG5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
High Voltage, Latch-Up Proof
REV. A
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
High Voltage Latch-Up Proof, Single SPST Switch
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com