Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP296GSZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP296GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP296GSZ Datasheet(HTML) 1 Page - Analog Devices

  OP296GSZ Datasheet HTML 1Page - Analog Devices OP296GSZ Datasheet HTML 2Page - Analog Devices OP296GSZ Datasheet HTML 3Page - Analog Devices OP296GSZ Datasheet HTML 4Page - Analog Devices OP296GSZ Datasheet HTML 5Page - Analog Devices OP296GSZ Datasheet HTML 6Page - Analog Devices OP296GSZ Datasheet HTML 7Page - Analog Devices OP296GSZ Datasheet HTML 8Page - Analog Devices OP296GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Operational Amplifiers
OP196/OP296/OP496
FEATURES
Rail-to-Rail Input and Output Swing
Low Power: 60
A/Amplifier
Gain Bandwidth Product: 450 kHz
Single-Supply Operation: 3 V to 12 V
Low Offset Voltage: 300
V max
High Open-Loop Gain: 500 V/mV
Unity-Gain Stable
No Phase Reversal
APPLICATIONS
Battery Monitoring
Sensor Conditioners
Portable Power Supply Control
Portable Instrumentation
GENERAL DESCRIPTION
The OP196 family of CBCMOS operational amplifiers features
micropower operation and rail-to-rail input and output ranges.
The extremely low power requirements and guaranteed opera-
tion from 3 V to 12 V make these amplifiers perfectly suited to
monitor battery usage and to control battery charging. Their
dynamic performance, including 26 nV/
√Hz voltage noise
density, recommends them for battery-powered audio applica-
tions. Capacitive loads to 200 pF are handled without oscillation.
The OP196/OP296/OP496 are specified over the
industrial (–40
°C to +125°C) temperature range. 3 V operation
is specified over the 0
°C to 125°C temperature range.
The single OP196 and the dual OP296 are available in 8-lead
8-Lead Narrow-Body SO
1
2
3
4
8
7
6
5
OP196
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
NC = NO CONNECT
PIN CONFIGURATIONS
8-Lead Narrow-Body SO
1
2
3
4
8
7
6
5
OP296
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
14-Lead Narrow-Body SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP496
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
8-Lead TSSOP
OP296
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
8
1
4
5
14-Lead TSSOP
(RU Suffix)
OP496
OUT A
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT D
–IN D
+IN D
V–
OUT C
+IN C
–IN C
14
1
7
8
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/
14 of 14
Micropower RRIO
E
2002-2011 Analog Devices, Inc.
©
extended
SOIC and TSSOP packages. The quad OP496 is available in
14-lead SOIC and TSSOP packages.
461-3113


Similar Part No. - OP296GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP296GSZ AD-OP296GSZ Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
OP296GSZ-REEL AD-OP296GSZ-REEL Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
OP296GSZ-REEL7 AD-OP296GSZ-REEL7 Datasheet
2Mb / 19P
Micropower Operational Amplifiers
REV. E
More results

Similar Description - OP296GSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
December 22, 2009
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
August 25, 2010
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
December 15, 2010
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
June 23, 2011
logo
Analog Devices
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Intersil Corporation
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
Micropower RRIO Operational Amplifier
Rev. B
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com