Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP296GSZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP296GSZ
Description  Micropower RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP296GSZ Datasheet(HTML) 3 Page - Analog Devices

  OP296GSZ Datasheet HTML 1Page - Analog Devices OP296GSZ Datasheet HTML 2Page - Analog Devices OP296GSZ Datasheet HTML 3Page - Analog Devices OP296GSZ Datasheet HTML 4Page - Analog Devices OP296GSZ Datasheet HTML 5Page - Analog Devices OP296GSZ Datasheet HTML 6Page - Analog Devices OP296GSZ Datasheet HTML 7Page - Analog Devices OP296GSZ Datasheet HTML 8Page - Analog Devices OP296GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP196G, OP296G, OP496G
35
300
µV
0
°C ≤ T
A
≤ 125°C
650
µV
OP296H, OP496H
800
µV
0
°C ≤ TA ≤ 125°C
1.2
mV
Input Bias Current
IB
±10
±50
nA
Input Offset Current
IOS
±1
±8nA
Input Voltage Range
VCM
0
3.0
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ VCM ≤ 3.0 V,
0
°C ≤ T
A
≤ 125°C60
dB
Large Signal Voltage Gain
AVO
RL = 100 k
Ω
80
200
V/mV
Long-Term Offset Voltage
VOS
G Grade, Note 1
550
µV
H Grade, Note 1
1
mV
Offset Voltage Drift
∆VOS/∆T
G Grade, Note 2
1.5
µV/°C
H Grade, Note 2
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 100
µA
2.85
V
Output Voltage Swing Low
VOL
IL = –100
µA70
mV
POWER SUPPLY
Supply Current per Amplifier
ISY
VOUT = 1.5 V, RL =
∞
40
60
µA
0
°C ≤ TA ≤ 125°C80
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
Ω
0.25
V/
µs
Gain Bandwidth Product
GBP
350
kHz
Phase Margin
øm
45
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.8
µV p-p
Voltage Noise Density
en
f = 1 kHz
26
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.19
pA/
√Hz
NOTES
1Long-term offset voltage is guaranteed by a 1,000 hour life test performed on three independent lots at 12 5
°C, with an LTPD of 1.3.
2Offset voltage drift is the average of the 0
°C to 25°C delta and the 25°C to 125°C delta.
Specifications subject to change without notice.
OP196/OP296/OP496
REV.
–3–
(@ VS = 3.0 V, VCM = 1.5 V, TA = 25 C, unless otherwise noted.)
f
1
4
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com