Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297FS Datasheet(PDF) 7 Page - Analog Devices

Part # OP297FS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP297FS Datasheet HTML 3Page - Analog Devices OP297FS Datasheet HTML 4Page - Analog Devices OP297FS Datasheet HTML 5Page - Analog Devices OP297FS Datasheet HTML 6Page - Analog Devices OP297FS Datasheet HTML 7Page - Analog Devices OP297FS Datasheet HTML 8Page - Analog Devices OP297FS Datasheet HTML 9Page - Analog Devices OP297FS Datasheet HTML 10Page - Analog Devices OP297FS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP297
Rev. G | Page 7 of 16
FREQUENCY (Hz)
1k
1
11
10
10
1
100
100
1k
10
100
k
CURRENT
NOISE
VOLTAGE
NOISE
TA = 25°C
VS = ±2V TO ±15V
Figure 17. Voltage Noise Density and Current Noise Density vs. Frequency
SOURCE RESISTANCE (Ω)
10
0.01
10M
1
1M
100k
10k
1k
100
0.1
10Hz
1kHz
TA = 25°C
VS = ±2V TO ±20V
1kHz
10Hz
Figure 18. Total Noise Density vs. Source Resistance
LOAD RESISTANCE (kΩ)
10k
100
1
1k
4
3
2
510
20
VS = ±15V
VOUT = ±10V
TA = –55°C
TA = +25°C
TA = +125°C
8
7
6
59
Figure 19. Open-Loop Gain vs. Load Resistance
OUTPUT VOLTAGE (V)
0
–15
RL = 10kΩ
VS = ±15V
VCM = 0V
–10
–5
0
5
10
15
TA = –55°C
TA = +25°C
TA = +125°C
Figure 20. Differential Input Voltage vs. Output Voltage
LOAD RESISTANCE (Ω)
0
5
10
15
20
25
30
35
10
100
1k
10k
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
fOUT = 1kHz
Figure 21. Output Swing vs. Load Resistance
FREQUENCY (Hz)
0
5
10
15
20
25
30
35
100
1k
10k
100k
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
fOUT = 1kHz
RL = 10kΩ
Figure 22. Maximum Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com