Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297FS Datasheet(PDF) 14 Page - Analog Devices

Part # OP297FS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP297FS Datasheet HTML 8Page - Analog Devices OP297FS Datasheet HTML 9Page - Analog Devices OP297FS Datasheet HTML 10Page - Analog Devices OP297FS Datasheet HTML 11Page - Analog Devices OP297FS Datasheet HTML 12Page - Analog Devices OP297FS Datasheet HTML 13Page - Analog Devices OP297FS Datasheet HTML 14Page - Analog Devices OP297FS Datasheet HTML 15Page - Analog Devices OP297FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP297
Rev. G | Page 14 of 16
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 39. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
S-Suffix (R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
OP297EZ
−40°C to +85°C
8-Lead CERDIP
Q-8 (Z-Suffix)
OP297FP
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP297FPZ1
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP297FS
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297FS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297FS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297FSZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297FSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GP
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP297GPZ1
−40°C to +85°C
8-Lead PDIP
N-8 (P-Suffix)
OP297GS
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GS-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GSZ1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
OP297GSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8 (S-Suffix)
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com