| Electronic Components Datasheet Search |
|
OP297GSZ Datasheet(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP297GSZ Datasheet(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() OP297 Rev. G | Page 4 of 16 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltage ±20 V Input Voltage1 ±20 V Differential Input Voltage1 40 V Output Short-Circuit Duration Indefinite Storage Temperature Range Z-Suffix −65°C to +175°C P-Suffix, S-Suffix −65°C to +150°C Operating Temperature Range OP297E (Z-Suffix) −40°C to +85°C OP297F, OP297G (P-Suffix, S-Suffix) −40°C to +85°C Junction Temperature Z-Suffix −65°C to +175°C P-Suffix, S-Suffix −65°C to +150°C Lead Temperature (Soldering, 60 sec) 300°C 1 For supply voltages less than ±20 V, the absolute maximum input voltage is equal to the supply voltage. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for worst-case mounting conditions, that is, θJA is specified for device in socket for CERDIP and PDIP pack- ages; θJA is specified for device soldered to printed circuit board for the SOIC package. Table 4. Thermal Resistance Package Type θJA θJC Unit 8-Lead CERDIP (Z-Suffix) 134 12 °C/W 8-Lead PDIP (P-Suffix) 96 37 °C/W 8-Lead SOIC (S-Suffix) 150 41 °C/W ESD CAUTION – + 1/2 OP297 – + 1/2 OP297 50kΩ 50Ω 2kΩ V1 20V p-p @ 10Hz V2 CHANNEL SEPARATION = 20 log V1 V2/10000 Figure 4. Channel Separation Test Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |