Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GSZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP297GSZ
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP297GSZ Datasheet HTML 5Page - Analog Devices OP297GSZ Datasheet HTML 6Page - Analog Devices OP297GSZ Datasheet HTML 7Page - Analog Devices OP297GSZ Datasheet HTML 8Page - Analog Devices OP297GSZ Datasheet HTML 9Page - Analog Devices OP297GSZ Datasheet HTML 10Page - Analog Devices OP297GSZ Datasheet HTML 11Page - Analog Devices OP297GSZ Datasheet HTML 12Page - Analog Devices OP297GSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP297
Rev. G | Page 9 of 16
APPLICATIONS INFORMATION
Extremely low bias current over a wide temperature range
makes the OP297 attractive for use in sample-and-hold
amplifiers, peak detectors, and log amplifiers that must operate
over a wide temperature range. Balancing input resistances is
unnecessary with the OP297. Offset voltage and TCVOS are
degraded only minimally by high source resistance, even
when unbalanced.
The input pins of the OP297 are protected against large differen-
tial voltage by back-to-back diodes and current-limiting resistors.
Common-mode voltages at the inputs are not restricted and can
vary over the full range of the supply voltages used.
The OP297 requires very little operating headroom about the
supply rails and is specified for operation with supplies as low as
2 V. Typically, the common-mode range extends to within 1 V
of either rail. The output typically swings to within 1 V of the
rails when using a 10 kΩ load.
AC PERFORMANCE
The ac characteristics of the OP297 are highly stable over its full
operating temperature range. Unity gain small signal response is
shown in Figure 26. Extremely tolerant of capacitive loading on
the output, the OP297 displays excellent response with 1000 pF
loads (see Figure 27).
10
100
90
0%
10
20mV
5µs
Figure 26. Small Signal Transient Response (CL = 100 pF, AVCL = +1)
5µs
20mV
10
0%
100
90
Figure 27. Small Signal Transient Response (CL = 1000 pF, AVCL = +1)
5µs
20mV
10
0%
100
90
Figure 28. Large Signal Transient Response (AVCL = +1)
GUARDING AND SHIELDING
To maintain the extremely high input impedances of the OP297,
care is taken in circuit board layout and manufacturing. Board
surfaces must be kept scrupulously clean and free of moisture.
Conformal coating is recommended to provide a humidity
barrier. Even a clean PCB can have 100 pA of leakage currents
between adjacent traces, therefore guard rings should be used
around the inputs. Guard traces operate at a voltage close to that
on the inputs, as shown in Figure 29, to minimize leakage
currents. In noninverting applications, the guard ring should be
connected to the common-mode voltage at the inverting input.
In inverting applications, both inputs remain at ground, so the
guard trace should be grounded. Guard traces should be placed
on both sides of the circuit board.
UNITY-GAIN FOLLOWER
–
+
1/2
OP297
INVERTING AMPLIFIER
–
+
1/2
OP297
MINI-DIP
BOTTOM VIEW
8
B
1
A
NONINVERTING AMPLIFIER
–
+
1/2
OP297
Figure 29. Guard Ring Layout and Considerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com