Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543CDBLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC2543CDBLE
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 9Page - Texas Instruments TLC2543CDBLE Datasheet HTML 10Page - Texas Instruments TLC2543CDBLE Datasheet HTML 11Page - Texas Instruments TLC2543CDBLE Datasheet HTML 12Page - Texas Instruments TLC2543CDBLE Datasheet HTML 13Page - Texas Instruments TLC2543CDBLE Datasheet HTML 14Page - Texas Instruments TLC2543CDBLE Datasheet HTML 15Page - Texas Instruments TLC2543CDBLE Datasheet HTML 16Page - Texas Instruments TLC2543CDBLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power up and initialization
After power up, CS must be taken from high to low to begin an I/O cycle. EOC is initially high, and the input data
register is set to all zeroes. The contents of the output data register are random, and the first conversion result
should be ignored. To initialize during operation, CS is taken high and is then returned low to begin the next I/O
cycle. The first conversion after the device has returned from the power-down state may not read accurately
due to internal device settling.
Table 1. Operational Terminology
Current (N) I/O cycle
The entire I/O CLOCK sequence that transfers address and control data into the data register and clocks
the digital result from the previous conversion from DATA OUT
Current (N) conversion cycle
The conversion cycle starts immediately after the current I/O cycle. The end of the current I/O cycle is the
last clock falling edge in the I/O CLOCK sequence. The current conversion result is loaded into the output
register when conversion is complete.
Current (N) conversion result
The current conversion result is serially shifted out on the next I/O cycle.
Previous (N – 1) conversion cycle
The conversion cycle just prior to the current I/O cycle
Next (N + 1) I/O cycle
The I/O period that follows the current conversion cycle
Example: In the 12-bit mode, the result of the current conversion cycle is a 12-bit serial-data stream clocked out during
the next I/O cycle. The current I/O cycle must be exactly 12 bits long to maintain synchronization, even
when this corrupts the output data from the previous conversion. The current conversion is begun
immediately after the twelfth falling edge of the current I/O cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com