Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543CDBLE Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC2543CDBLE
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 12Page - Texas Instruments TLC2543CDBLE Datasheet HTML 13Page - Texas Instruments TLC2543CDBLE Datasheet HTML 14Page - Texas Instruments TLC2543CDBLE Datasheet HTML 15Page - Texas Instruments TLC2543CDBLE Datasheet HTML 16Page - Texas Instruments TLC2543CDBLE Datasheet HTML 17Page - Texas Instruments TLC2543CDBLE Datasheet HTML 18Page - Texas Instruments TLC2543CDBLE Datasheet HTML 19Page - Texas Instruments TLC2543CDBLE Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
data register, LSB first
D1 in the input data register (LSB first) controls the direction of the output binary data transfer. When D1 is reset
to 0, the conversion result is shifted out MSB first. When set to 1, the data is shifted out LSB first. Selection of
MSB first or LSB first always affects the next I/O cycle and not the current I/O cycle. When changing from one
data direction to another, the current I/O cycle is never disrupted.
data register, bipolar format
D0 (BIP) in the input data register controls the binary data format used to represent the conversion result. When
D0 is cleared to 0, the conversion result is represented as unipolar (unsigned binary) data. Nominally, the
conversion result of an input voltage equal to Vref– is a code of all zeros (000 . . . 0), the conversion result of
an input voltage equal to Vref+ is a code of all ones (111 . . . 1), and the conversion result of (Vref + + Vref–)/2
is a code of a one followed by zeros (100 ...0).
When D0 is set to 1, the conversion result is represented as bipolar (signed binary) data. Nominally, conversion
of an input voltage equal to Vref– is a code of a one followed by zeros (100 . . . 0), conversion of an input voltage
equal to Vref+ is a code of a zero followed by all ones (011 . . . 1), and the conversion of (Vref+ + Vref–)/2 is a
code of all zeros (000 . . . 0). The MSB is interpreted as the sign bit. The bipolar data format is related to the
unipolar format in that the MSBs are always each other’s complement.
Selection of the unipolar or bipolar format always affects the current conversion cycle, and the result is output
during the next I/O cycle. When changing between unipolar and bipolar formats, the data output during the
current I/O cycle is not affected.
EOC output
The EOC signal indicates the beginning and the end of conversion. In the reset state, EOC is always high. During
the sampling period (beginning after the fourth falling edge of the I/O CLOCK sequence), EOC remains high
until the internal sampling switch of the converter is safely opened. The opening of the sampling switch occurs
after the eighth, twelfth, or sixteenth I/O CLOCK falling edge, depending on the data-length selection in the input
data register. After the EOC signal goes low, the analog input signal can be changed without affecting the
conversion result.
The EOC signal goes high again after the conversion is completed and the conversion result is latched into the
output data register. The rising edge of EOC returns the converter to a reset state and a new I/O cycle begins.
On the rising edge of EOC, the first bit of the current conversion result is on DATA OUT when CS is low. When
CS is negated between conversions, the first bit of the current conversion result occurs at DATA OUT on the
falling edge of CS.
data format and pad bits
D3 and D2 of the input data register determine the number of significant bits in the digital output that represent
the conversion result. The LSB-first bit determines the direction of the data transfer while the BIP bit determines
the arithmetic conversion. The numerical data is always justified toward the MSB in any output format.
The internal conversion result is always 12 bits long. When an 8-bit data transfer is selected, the four LSBs of
the internal result are discarded to provide a faster one-byte transfer. When a 12-bit transfer is used, all bits are
transferred. When a 16-bit transfer is used, four LSB pad bits are always appended to the internal conversion
result. In the LSB-first mode, four leading zeros are output. In the MSB-first mode, the last four bits output are
zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com