Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMFKB Datasheet(PDF) 10 Page - Texas Instruments

Part # TL1451AMFKB
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451AMFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL1451AMFKB Datasheet HTML 6Page - Texas Instruments TL1451AMFKB Datasheet HTML 7Page - Texas Instruments TL1451AMFKB Datasheet HTML 8Page - Texas Instruments TL1451AMFKB Datasheet HTML 9Page - Texas Instruments TL1451AMFKB Datasheet HTML 10Page - Texas Instruments TL1451AMFKB Datasheet HTML 11Page - Texas Instruments TL1451AMFKB Datasheet HTML 12Page - Texas Instruments TL1451AMFKB Datasheet HTML 13Page - Texas Instruments TL1451AMFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
10
www.ti.com
TYPICAL CHARACTERISTICS
100 k
10 k
1 k
1 M
1 k
4 k
10 k
40 k
100 k
400 k
1 M
TRIANGLE OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE
CT = 150 pF
CT = 1500 pF
CT = 15000 pF
VCC = 5 V
TA = 25°C
RT – Timing Resistance – Ω
0
–1
–2
–3
–25
0
25
50
1
2
OSCILLATOR FREQUENCY VARIATION
vs
FREE-AIR TEMPERATURE
3
75
100
VCC = 3.6 V
RT = 10 kΩ
CT = 330 pF
fosc = 200 kHz
TA – Free-Air Temperature – °C
Figure 3
Figure 4
2.2
2
1.6
1.4
0.8
2.6
1.8
2.4
TRIANGLE WAVEFORM SWING VOLTAGE
vs
TIMING CAPACITANCE
1.2
1
VCC = 5 V
RT = 5.1 kΩ
TA = 25°C
CT – Timing Capacitance – pF
101
102
103
104
105
TRIANGLE WAVEFORM PERIOD
vs
TIMING CAPACITANCE
VCC = 5 V
RT = 5.1 kΩ
TA = 25°C
102
101
100
10–1
101
102
103
104
105
CT – Timing Capacitance – pF
Figure 5
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com