Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMFKB Datasheet(PDF) 20 Page - Texas Instruments

Part # TL1451AMFKB
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451AMFKB Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL1451AMFKB Datasheet HTML 16Page - Texas Instruments TL1451AMFKB Datasheet HTML 17Page - Texas Instruments TL1451AMFKB Datasheet HTML 18Page - Texas Instruments TL1451AMFKB Datasheet HTML 19Page - Texas Instruments TL1451AMFKB Datasheet HTML 20Page - Texas Instruments TL1451AMFKB Datasheet HTML 21Page - Texas Instruments TL1451AMFKB Datasheet HTML 22Page - Texas Instruments TL1451AMFKB Datasheet HTML 23Page - Texas Instruments TL1451AMFKB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
20
www.ti.com
TYPICAL CHARACTERISTICS
50
60
90
100
0
0.5
1
1.5
2
2.5
3
30
10
Dead-Time Input Voltage – V
OUTPUT TRANSISTOR ON DUTY CYCLE
vs
DEAD-TIME INPUT VOLTAGE
0
3.5
4
70
20
40
80
VCC = 3.6 V
RT = 10kΩ
CT = 330 pF
1
0.5
0
010
20
2
STANDBY CURRENT
vs
SUPPLY VOLTAGE
30
40
1.5
VCC – Supply Voltage – V
TA = 25°C
1.75
1.25
0.75
0.25
Figure 24
Figure 25
1
0.5
0
–25
0
25
50
1.5
2
STANDBY CURRENT
vs
FREE-AIR TEMPERATURE
75
100
TA – Free-Air Temperature – °C
Average Supply Current
VCC = 6 V, RT = 10 kΩ,
CT = 330 pF
Stand-By Current, VCC = 40 V, No Load
Stand-By Current, VCC = 3.6 V, No Load
600
400
200
0
–25
0
25
50
800
1000
MAXIMUM CONTINUOUS POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
1200
75
100
1100
900
700
500
300
100
16-Pin N Plastic Dip
16-Pin NS Plastic SO
Thermal Resistance
125
°C/W
Thermal Resistance
250
°C/W
TA – Free-Air Temperature
1.75
1.25
0.75
0.25
Figure 26
Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com