Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2242IPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2242IPE4
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2242IPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2242IPE4 Datasheet HTML 1Page - Texas Instruments TLV2242IPE4 Datasheet HTML 2Page - Texas Instruments TLV2242IPE4 Datasheet HTML 3Page - Texas Instruments TLV2242IPE4 Datasheet HTML 4Page - Texas Instruments TLV2242IPE4 Datasheet HTML 5Page - Texas Instruments TLV2242IPE4 Datasheet HTML 6Page - Texas Instruments TLV2242IPE4 Datasheet HTML 7Page - Texas Instruments TLV2242IPE4 Datasheet HTML 8Page - Texas Instruments TLV2242IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2241 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
SOT-23‡
(DBV)
SYMBOLS
PLASTIC DIP
(P)
0
°C to 70°C
3000
µV
TLV2241CD
—
—
—
–40
°C to 125°C
3000
µV
TLV2241ID
TLV2241IDBV
VBEI
TLV2241IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2241CDR).
‡ This package is available in a 250 piece mini-reel. To order this package, add a T suffix to the part number (e.g.,
TLV2241DBVT). This package is also available in a 3000 piece reel, add a R suffix to the part number (e.g.,
TLV2241DBVR).
TLV2242 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
MSOP†
(DGK)
SYMBOLS
PLASTIC DIP
(P)
0
°C to 70°C
3000
µV
TLV2242CD
—
—
—
–40
°C to 125°C
3000
µV
TLV2242ID
TLV2242IDGK
xxTIALE
TLV2242IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2242CDR).
TLV2244 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
3000
µV
TLV2244CD
—
—
–40
°C to 125°C
3000
µV
TLV2244ID
TLV2244IN
TLV2244IPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2244CDR).
TLV224x PACKAGE PINOUTS
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VCC
IN –
TLV2241
DBV PACKAGE
NC – No internal connection
1
2
3
4
8
7
6
5
NC
IN –
IN +
GND
NC
VCC
OUT
NC
TLV2241
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VCC
2OUT
2IN –
2IN+
TLV2242
D, DGK, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VCC
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV2244
D, N, OR PW PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com