Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP121AIDBVT
Description  1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP121AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TMP121AIDBVT Datasheet HTML 1Page - Texas Instruments TMP121AIDBVT Datasheet HTML 2Page - Texas Instruments TMP121AIDBVT Datasheet HTML 3Page - Texas Instruments TMP121AIDBVT Datasheet HTML 4Page - Texas Instruments TMP121AIDBVT Datasheet HTML 5Page - Texas Instruments TMP121AIDBVT Datasheet HTML 6Page - Texas Instruments TMP121AIDBVT Datasheet HTML 7Page - Texas Instruments TMP121AIDBVT Datasheet HTML 8Page - Texas Instruments TMP121AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
−0.3V to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +150°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering)
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input voltage rating applies to all TMP121 and TMP123 input
voltages.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP121
T121
TMP121
SOT23-6
DBV
T121
TMP123
SOT23-6
DBV
T123
TMP123
SOT23-6
DBV
T123
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATIONS
Top View
SOT23-6
Pin 1 orientation is determined by package marking.
NC
GND
V+
SO
CS
SCK
1
2
3
6
5
4
SOT23−6
NC = No Connection(2)
TMP121(1)
GND
NC
V+
SOT23−6
NC = No Connection(2)
TMP123(1)
SO
CS
SCK
1
2
3
6
5
4
(1) Pin 1 of the SOT23-6 package is determined by orienting the package marking as shown.
(2) Pins labeled NC should be left floating or connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com