Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP121AIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP121AIDBVT
Description  1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP121AIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TMP121AIDBVT Datasheet HTML 1Page - Texas Instruments TMP121AIDBVT Datasheet HTML 2Page - Texas Instruments TMP121AIDBVT Datasheet HTML 3Page - Texas Instruments TMP121AIDBVT Datasheet HTML 4Page - Texas Instruments TMP121AIDBVT Datasheet HTML 5Page - Texas Instruments TMP121AIDBVT Datasheet HTML 6Page - Texas Instruments TMP121AIDBVT Datasheet HTML 7Page - Texas Instruments TMP121AIDBVT Datasheet HTML 8Page - Texas Instruments TMP121AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and V+ = 2.7V to 5.5V, unless otherwise noted.
TMP121, TMP123
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (temperature error)
−25
°C to +85°C
±0.5
±1.5
°C
−40
°C to +125°C
±1.0
±2.0
°C
−40
°C to +150°C
±1.5
°C
vs Supply
−0.3
0.1
+0.3
°C/V
Resolution
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
V
VIL
0.3(V+)
V
Input Current, SO, SCK, CS
IIN
0V
≤ VIN ≤ V+
±1
µA
Output Logic Levels:
VOL SO
ISINK = 3mA
0.4
V
VOH SO
ISOURCE = 2mA
(V+)−0.4
V
Resolution
12
Bits
Input Capacitance, SO, SCK, CS
2.5
pF
Conversion Time
12-Bit
240
320
ms
Conversion Period(1)
12-Bit
480
640
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
35
50
µA
Shutdown Current (TMP121)
ISD
Serial Bus Inactive
0.1
1
µA
Shutdown Current (TMP123)
ISD
Serial Bus Inactive
0.1
3
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+150
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
SOT23-6 Surface-Mount
200
°C/W
(1) Period indicates time between conversion starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com