Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ-R21-A2 Datasheet(PDF) 12 Page - Honeywell Accelerometers

Part # BZ-R21-A2
Description  Basic Switches Standard
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BZ-R21-A2 Datasheet(HTML) 12 Page - Honeywell Accelerometers

Back Button BZ-R21-A2 Datasheet HTML 8Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 9Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 10Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 11Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 12Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 13Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 14Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 15Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 16Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
57
PIN PLUNGER —
SPECIAL CIRCUITRY
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min. P.T. max. O.T. min.
D.T.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-3AT
Double-break, low
voltage DC applications
15 Amps
T
4,45-7,23
16-26
1,11
4
0,76
.030
0,13
.005
0,051-0,13
.002-.005
15,9
.625
BZ-2AW80T
As above, with
2.5 inch lever
15 Amps
T
0,90
3.25
0,14
.25
–
–
5,56
.219
0,51
2.54
19,05
±0,76
.750
±.030
BZ-2AW82T
As above, with
1.9 inch roller lever
15 Amps
T
1,25
4.5
0,21
.75
–
–
3.96
.156
0,38-1,91
.015-.075
30,18
±0,76
1.188
±.030
BZ-2AW822T
As above, with
1.05 inch roller lever
15 Amps
T
2,36
8.5
0,42
1.5
–
–
2,39
.094
0,20-2,39
.008-.030
30,18
±0,76
1.188
±.030
Dim. Dwg. Fig. 8
BA-3ST
Double-break, low
voltage DC applications
25 Amps
M
7,23-10,6
26-38
2,78
10
1,65
.065
0,25
.010
0,18-0,38
.007-.015
16,3
.640
Dim. Dwg. Fig. 9
BZ-3YT
(MS25383-1)
MIL-S-8805 application
requirements. (split
contact)
5 Amps
U
4,45-7,23
16-26
1,11
4
0,76
.030
0,13
.005
0,025-0,1
.001-.004
15,9
.625
BZ-3YWT80
As above, with
2.50 inch lever
5 Amps
U
0,97
3.5
0,14
.5
–
–
5,56
.219
0,51-2,54
.020-.100
19,05
±0,76
.750
±.030
BZ-3YWT82
As above, with
1.9 inch roller lever
5 Amps
U
1,25
4.5
0,21
.75
–
–
3,96
.156
0,38-1,91
.015-.075
30,18
±0,76
1.188
±.030
BZ-3YWT822
As above, with
1.05 inch roller lever
5 Amps
U
1,95
7
0,42
1.5
–
–
2,39
.094
0,20-1,02
.008-.040
30,19
.188
Except where stated *
±0,38 mm
±.015 in.
Dim. Dwg. Fig. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com