Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZ-R21-A2 Datasheet(PDF) 16 Page - Honeywell Accelerometers

Part # BZ-R21-A2
Description  Basic Switches Standard
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BZ-R21-A2 Datasheet(HTML) 16 Page - Honeywell Accelerometers

Back Button BZ-R21-A2 Datasheet HTML 8Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 9Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 10Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 11Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 12Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 13Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 14Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 15Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 16Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
61
MOUNTING DIMENSIONS
ROLLER LEVERS
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32
FLEXIBLE ROLLER LEAF
Fig. 35
Fig. 36
Mounting holes accept pins or screws of
.139 (3,53 mm) diameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com