Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014AMFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMFKB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LT1014AMFKB Datasheet HTML 10Page - Texas Instruments LT1014AMFKB Datasheet HTML 11Page - Texas Instruments LT1014AMFKB Datasheet HTML 12Page - Texas Instruments LT1014AMFKB Datasheet HTML 13Page - Texas Instruments LT1014AMFKB Datasheet HTML 14Page - Texas Instruments LT1014AMFKB Datasheet HTML 15Page - Texas Instruments LT1014AMFKB Datasheet HTML 16Page - Texas Instruments LT1014AMFKB Datasheet HTML 17Page - Texas Instruments LT1014AMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039D − JULY 1989 − REVISED AUGUST 2009
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
f − Frequency − MHz
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
AVD
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
VIC = 0
CL = 100 pF
TA = 25°C
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
20
10
0
−10
0.01
0.3
1
3
10
80
°
100
°
100
°
120
°
140
°
160
°
180
°
200
°
220
°
240
°
Figure 10
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
VCC + = 5 V
VCC − = 0
VCC± = ±15 V
CL = 100 pF
TA = 25°C
f − Frequency − Hz
0.01 0.1
1 k
100 k
10 M
1
10
100
10 k
1 M
0
−20
20
40
60
80
100
120
140
Figure 11
120
100
80
60
10
100
1 k
10 k
140
f − Frequency − Hz
CHANNEL SEPARATION
vs
FREQUENCY
160
100 k
1 M
Limited by
Thermal
Interaction
RL = 100 Ω
RL = 1 kΩ
Limited by
Pin-to-Pin
Capacitance
VCC± = ±15 V
VI(PP) = 20 V to 5 kHz
RL = 2 kΩ
TA = 25°C
Figure 12
OUTPUT SATURATION VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC+ = 5 V to 30 V
VCC− = 0
Isink = 10 mA
Isink = 1 mA
Isink = 100 µA
Isink = 10 µA
Isink = 0
Isink = 5 mA
10
1
0.1
0.01
−50
−25
0
25
50
75
100
125
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com