Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014AMFKB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMFKB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LT1014AMFKB Datasheet HTML 12Page - Texas Instruments LT1014AMFKB Datasheet HTML 13Page - Texas Instruments LT1014AMFKB Datasheet HTML 14Page - Texas Instruments LT1014AMFKB Datasheet HTML 15Page - Texas Instruments LT1014AMFKB Datasheet HTML 16Page - Texas Instruments LT1014AMFKB Datasheet HTML 17Page - Texas Instruments LT1014AMFKB Datasheet HTML 18Page - Texas Instruments LT1014AMFKB Datasheet HTML 19Page - Texas Instruments LT1014AMFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039D − JULY 1989 − REVISED AUGUST 2009
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
100
1000
300
110
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
AND EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
30
10
100
VCC± = ±2 V to ±18 V
TA = 25°C
In
Vn
100
1000
300
30
10
1 k
1/f Corner = 2 Hz
Figure 18
1200
800
400
0
02
4
6
1600
t − Time − s
PEAK-TO-PEAK INPUT NOISE VOLTAGE
OVER A 10-SECOND PERIOD
vs
TIME
2000
810
VCC± = ±2 V to ±18 V
f = 0.1 Hz to 10 Hz
TA = 25°C
Figure 19
t − Time −
µs
0
46
8
10
60
80
12
14
40
20
2
0
VCC± = ±15 V
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
vs
TIME
−20
−40
−60
−80
Figure 20
2
010
20
30
3
5
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
vs
TIME
6
40
50
60
70
4
t − Time −
µs
VCC+ = 5 V
VCC− = 0
VI = 0 to 4 V
RL = 0
AV = 1
TA = 25°C
1
0
−1
−2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com