Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT21 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # WT21
Description  WT21 EVALUATION KIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT21 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button WT21 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
6.4 SPI interface
SPI is available in the pin header J1. Following table shows the connections in the pin header. 3.3V is an
output from the evaluation board and it is used to power the on board installation kit delivered with the kit.
PIN name
No.
I/O
Description
MISO
1
O
MISO
3.3 V
2
POWER
3.3 V power supply input
CLK
3
I
CLK
MOSI
4
I
MOSI
CSB
5
I
CSB
GND
6
GND
GND
Table 2: SPI interface pin description
6.5 SDIO and PIO interface
All SDIO and PIO connections are available in the pin header J3.
6.6 PCM Codec and Audio Interface
The evaluation board uses MSM7702 PCM codec by OKI Semiconductor. PS settings for the codec are as
follows:
o
PCM_DATAFORMAT 0200
o
PCM_CONFIG32 180000C0
o
HOST_IO_MAP_SCO_PCM true
Headset can be connected to 3.5mm jack connectors J6 and J7.
Bluegiga Technologies Oy
Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com